Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 13Page - Linear Technology LTC4091 Datasheet HTML 14Page - Linear Technology LTC4091 Datasheet HTML 15Page - Linear Technology LTC4091 Datasheet HTML 16Page - Linear Technology LTC4091 Datasheet HTML 17Page - Linear Technology LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology LTC4091 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC4091
17
4091fa
For more information www.linear.com/LTC4091
APPLICATIONS INFORMATION
Table 1. Inductor Vendors
VENDOR URL
PART SERIES
TYPE
Murata
www.murata.com
LQH55D
Open
TDK
www.componenttdk.com
SLF7045
SLF10145
Shielded
Shielded
Toko
www.toko.com
D62CB
D63CB
D75C
D75F
Shielded
Shielded
Shielded
Open
Sumida
www.sumida.com
CR54
CDRH74
CDRH6D38
CR75
Open
Shielded
Shielded
Open
Catch Diode
The catch diode conducts current only during switch-off
time. Average forward current in normal operation can
be calculated from:
ID(AVG) =IHVOUT •
VIN – VHVOUT
(
)
VIN
where IHVOUTistheoutputloadcurrent.Theonlyreasonto
consideradiodewithalargercurrentratingthannecessary
for nominal operation is for the worst-case condition of
shorted output. The diode current will then increase to the
typical peak switch current. Peak reverse voltage is equal
to the regulator input voltage. Use a Schottky diode with
a reverse voltage rating greater than the input voltage.
The overvoltage protection feature in the high voltage
regulator will keep the switch off when VIN > 40V which
allows the use of a 40V rated Schottky even when VVIN
ranges up to 60V. Table 2 lists several Schottky diodes
and their manufacturers.
Table 2. Diode Vendors
PART NUMBER
VR
(V)
IAVE
(A)
VF AT 1A
(MV)
VF AT 2A
(MV)
On Semiconductor
MBRM120E
MBRM140
20
40
1
1
530
550
595
Diodes Inc.
B120
B130
B220
B230
DFLS240L
20
30
20
30
40
1
1
2
2
2
500
500
500
500
500
International Rectifier
10BQ030
20BQ030
30
30
1
2
420
470
470
Switching Regulator Capacitor Selection
Ceramic capacitors are small, robust and have very low
ESR providing the best ripple performance. However, ce-
ramic capacitors can cause problems when used with the
high voltage switching regulator due to their piezoelectric
nature. When in Burst Mode operation, the LTC4091’s
switching frequency depends on the load current, and
at very light loads the LTC4091 can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LTC4091 operates at a lower current limit during
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this is unacceptable, use a high performance
tantalum or electrolytic capacitor at the output.
Only a small amount of capacitance is required on HVOUT
– about 3.3µF. This choice will provide low output ripple
andgoodtransientresponse.Transientperformancecanbe
improvedwithahighervaluecapacitorifthecompensation
network is also adjusted to maintain the loop bandwidth. A
lower value of output capacitor can be used to save space
and cost but transient performance will suffer. See the
Switching Regulator Frequency Compensation section to
choose an appropriate compensation network.
When choosing a capacitor, look carefully through the
data sheet to find out what the actual capacitance is under
operating conditions (applied voltage and temperature).
A physically larger capacitor, or one with a higher voltage
rating, may be required. Low ESR is important, so choose
one that is intended for use in switching regulators. The
ESR should be specified by the supplier, and should be
0.05Ω or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com