Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 3Page - Linear Technology LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology LTC4091 Datasheet HTML 10Page - Linear Technology LTC4091 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC4091
7
4091fa
For more information www.linear.com/LTC4091
PIN FUNCTIONS
SYNC (Pin 1): External Clock Synchronization Input. See
synchronizingsectioninApplicationsInformation.Ground
pin when not used.
VINGD (Pin 2): The VINGD pin is the open collector output
ofaninternalcomparator.VINGDremainshighimpedance
until sufficient voltage is present on VIN to enable the
switching regulator and RUN/SS is high.
RT(Pin3):OscillatorResistorInput.Connectingaresistor
to ground from this pin sets the switching frequency.
VC (Pin 4): High Voltage Buck Regulator Control Pin. The
voltage on this pin controls the peak switch current in the
high voltage regulator. Tie an RC network from this pin
to ground to compensate the control loop.
NTC (Pin 5): Input to the NTC Thermistor Monitoring
Circuits. The NTC pin connects to a negative temperature
coefficient thermistor which is typically co-packaged with
the battery pack to determine if the battery is too hot or too
cold to charge. If the battery temperature is out of range,
charging is paused until the battery temperature re-enters
the valid range. A low drift bias resistor is required from
VNTC to NTC and a thermistor is required from NTC to
ground. If the NTC function is not desired, the NTC pin
should be grounded.
VNTC (Pin 6): Output Bias Voltage for NTC. A resistor
from this pin to the NTC pin will bias the NTC thermistor.
HVPR (Pin 7): Open-Drain High Voltage Present Output
(Active Low). A low on this pin indicates that the high volt-
age regulator has sufficient voltage to charge the battery.
CHRG(Pin8):Open-DrainChargeStatusOutput.Whenthe
battery is being charged, the CHRG pin is pulled low by an
internal N-channel MOSFET. When the timer runs out or
the charge current drops below 10% of the programmed
charge current or the input supply is removed, the CHRG
pin is forced to a high impedance state.
PROG (Pin 9): Charge Current Program Pin. Connecting a
resistorfromPROGtogroundprogramsthechargecurrent:
ICHG(A)=
52,500V
RPROG
GATE (Pin 10): External Ideal Diode Gate Connection. This
pin controls the gate of an optional external P-channel
MOSFET transistor used to supplement the internal ideal
diode. The source of the P-channel MOSFET should be
connected to OUT and the drain should be connected to
BAT. When not in use, this pin should be left floating. It
is important to maintain high impedance on this pin and
minimize all leakage paths.
BAT (Pins 11, 12): Single-Cell Li-Ion Battery. This pin is
used as an output when charging the battery and as an
input when supplying power to OUT. When the OUT pin
potential drops below the BAT pin potential, an ideal diode
function connects BAT to OUT and prevents OUT from
droppingmorethan100mVbelowBAT.Aprecisioninternal
resistor divider sets the final charge voltage on this pin.
OUT (Pin 13): Voltage Output. This pin is used to provide
controlled power to a load from either the primary input
(VIN) or the battery (BAT). OUT should be bypassed with
at least 68µF to GND.
V4P1 (Pin 14): 4.1V Charge Voltage Select Pin. Leave this
pin disconnected to select a 4.2V charge voltage. Connect
this pin to the BAT pin to select a 4.1V charge voltage.
Care should be taken to avoid leakage on the V4P1 pin if
it is left open.
GND (Pin 15): Ground Pin.
NC (Pin 16): No Connect. Nothing is connected to this pin.
TIMER (Pin 17): Timer Capacitor. Placing a capacitor,
CTIMER, to GND sets the timer period. The timer period is:
tTIMER(hours)=CTIMER (F)•RPROG (Ω)•300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com