Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 1 Page - Linear Technology

  LTC4091 Datasheet HTML 1Page - Linear Technology LTC4091 Datasheet HTML 2Page - Linear Technology LTC4091 Datasheet HTML 3Page - Linear Technology LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC4091
1
4091fa
For more information www.linear.com/LTC4091
FEATURES
APPLICATIONS
DESCRIPTION
36V Battery Charger and
Power Backup Manager
The LTC®4091 is a 36V Li-Ion battery charger and power
backup manager. The integrated step-down switching
regulator charges a battery from a primary power source
while providing power to the load. If primary power is lost,
the load is seamlessly transitioned to the backup Li-ion/
polymer battery. To protect sensitive downstream loads,
the maximum output voltage is 4.45V.
The LTC4091 provides an adaptive output that tracks the
battery voltage for high efficiency charging. The charge
current is programmable and an end-of-charge status
output (CHRG) indicates full charge. Also featured is a
termination timer and an NTC thermistor input used to
monitor battery temperature while charging.
During backup, an internal 75mΩ ideal diode connects the
battery to the load. An optional external ideal diode FET
driver is available to reduce the voltage drop even further.
4.1V or 4.2V battery charge voltages can be selected.
VOUT, IBAT vs VBAT
TYPICAL APPLICATION
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and PowerPath and Bat-Track are trademarks of Analog Devices, Inc. All other trademarks are
the property of their respective owners.
n
Fleet and Asset Tracking
n
Automotive GPS Data Loggers
n
Automotive Telematics Systems
n
Battery Backup Systems
n
Seamless Transition Between Primary Power
Source and Li-Ion Battery
n
2A High Voltage Step-Down Regulator with
Adaptive Output Control
n
Internal 75mΩ Ideal Diode Plus Optional External
Ideal Diode Controller Provides Low Loss
PowerPath™ When Primary Supply Not Present
n
Wide Input Voltage Range: 6V to 36V (60V Abs Max)
n
4.45V Max Output Voltage
n
Full Featured Li-Ion Battery Charger
n
Pin Selectable 4.1V and 4.2V Charge Voltage Options
n
Thermally Enhanced Low Profile (0.75mm)
6mm × 3mm 22-Lead DFN Package
VIN
BOOST
SW
68µF
3.3µF
2A
MAX
4.99k
4.7µF
TIMER
LTC4091
GND
PROG
HVOUT
HVPR
OUT
BAT
0.1µF
220pF
AUTOMOTIVE
INPUT
6V TO 36V
VC
15k
RT
40.2k
52.3k
Li-Ion BATTERY
+
LOAD
4.45V MAX
4091 TAO1a
6.8µH
0.47µF
0
0.6
1.2
1.8
2.4
3
3.6
4.2
BATTERY VOLTAGE (V)
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
4091 TA01b
OUT
I
= 1A
BAT
V
OUT
V
BAT
I
1.0
1.5
2.0
0
0.5


Similar Part No. - LTC4091

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090 LINER-LTC4090 Datasheet
400Kb / 28P
USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090 LINER-LTC4090 Datasheet
391Kb / 52P
Dual-Input Power Manager
logo
Analog Devices
LTC4090 AD-LTC4090 Datasheet
965Kb / 26P
2.5A Supercapacitor Backup Power Manager
01/19-REV.A
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3_15 Datasheet
840Kb / 30P
USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
More results

Similar Description - LTC4091

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
665Kb / 32P
1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
2.5A Battery Backup Power Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
logo
Skyworks Solutions Inc.
AAT3673 SKYWORKS-AAT3673 Datasheet
3Mb / 28P
1.6A Dynamic Battery Charger and Power Manager
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
Battery Charger and Backup Power Manager
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
Backup Battery Charger and Boost Controller
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com