Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 43 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD6636 Datasheet HTML 39Page - Analog Devices AD6636 Datasheet HTML 40Page - Analog Devices AD6636 Datasheet HTML 41Page - Analog Devices AD6636 Datasheet HTML 42Page - Analog Devices AD6636 Datasheet HTML 43Page - Analog Devices AD6636 Datasheet HTML 44Page - Analog Devices AD6636 Datasheet HTML 45Page - Analog Devices AD6636 Datasheet HTML 46Page - Analog Devices AD6636 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
AD6636
Rev. 0 | Page 43 of 72
When the channel sync select bit of the AGC control register is
Logic 1, the AGC receives the SYNC signal used by the NCO of
the corresponding channel for the start. When this bit is Logic 0,
the pin sync defined by the 2-bit SYNC pin select word in the
AGC control register is used to provide the sync to the AGC.
Apart from these two methods, the AGC control register also
has a sync now bit that can be used to provide a sync to the
AGC by writing to this register through the microport or serial
port.
PARALLEL PORT OUTPUT
The AD6636 incorporates three independent 16-bit parallel
ports for output data transfer. The three parallel output ports
share a common clock, PCLK. Each port consists of a 16-bit
data bus, REQuest signal, ACKnowledge signal, three channel
indicator pins, one I/Q indicator pin, one gain word indicator
pin, and a common shared PCLK pin. The parallel ports can be
configured to function in master mode or slave mode. By
default, the parallel ports are in slave mode on power-up.
Sync Process
Each parallel port can output data from any or all of the AGCs,
using the 1-bit enable bit for each AGC in the parallel port
control register. Even when the AGC is not required for a
certain channel, the AGC can be bypassed, but the data is still
received from the bypassed AGC. The parallel port functionality
is programmable through the two parallel port control registers.
Regardless of how a sync signal is received, the syncing process
is the same. When a sync is received, a start hold-off counter is
loaded with the 16-bit value in the AGC hold-off register, which
initiates the countdown. The countdown is based on the ADC
input clock. When the count reaches 1, a sync is initiated. When
a sync is initiated, the CIC decimation filter dumps the current
value to the square root, error estimation, and loop filter blocks.
After dumping the current value, it starts working toward the
next update value. Additionally on a sync, AGC can be
initialized if the initialize AGC on sync bit is set in the AGC
control register. During initialization, the CIC accumulator is
cleared and new values for CIC decimation, number of
averaging samples, CIC scale, signal gain, open-loop gains K1
and K2, and pole parameter P are loaded from their respective
registers. When the initialize on sync bit is cleared, these
parameters are not loaded from the registers.
Each parallel port can be programmed individually to operate
in either interleaved I/Q mode or parallel I/Q mode. The mode
is selected using a 1-bit data format bit in the parallel port
control register. In both modes, the AGC gain word output can
be enabled using a 1-bit append gain bit in the parallel port
control register for individual output ports. There are six enable
bits per output port, one for each AGC in the corresponding
parallel port.
Interleaved I/Q Mode
Parallel port channel mode is selected by writing a 0 to the data
format bit for the parallel port in consideration. In this mode, I
and Q words from the AGC are output on the same 16-bit data
bus on a time-multiplexed basis. The 16-bit I word is output
followed by the 16-bit Q word. The specific AGCs output by the
port are selected by setting individual bits for each of the AGCs
in the parallel port control register. Figure 40 shows the timing
diagram for the interleaved I/Q mode.
This sync process is also initiated when a channel comes out of
sleep by using the start sync to the NCO. An additional feature
is the first sync only bit in the AGC control register. When this
bit is set, only the first sync initiates the process and the
remaining sync signals are ignored. This is useful when syncing
using a pin sync. A sync is required only on the first pulse on
this pin. These additional features make AGC synchronization
more flexible and applicable to varied circumstances.
PCLKn
tDPREQ
PxREQ
PxACK
tDPP
Px [15:0]
I [15:0]
Q [15:0]
PxIQ
tDPIC
PxCH [2:0]
PxCH [2:0] = CHANNEL NO.
tDPCH
PxGAIN
LOGIC LOW ‘0’
Figure 40. Interleaved I/Q Mode without an AGC Gain Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com