Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 67 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD6636 Datasheet HTML 63Page - Analog Devices AD6636 Datasheet HTML 64Page - Analog Devices AD6636 Datasheet HTML 65Page - Analog Devices AD6636 Datasheet HTML 66Page - Analog Devices AD6636 Datasheet HTML 67Page - Analog Devices AD6636 Datasheet HTML 68Page - Analog Devices AD6636 Datasheet HTML 69Page - Analog Devices AD6636 Datasheet HTML 70Page - Analog Devices AD6636 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
AD6636
Rev. 0 | Page 67 of 72
AGC Pole Location <7:0>
This 8-bit register is used to define the open-loop filter pole
location P. Its value can be set from 0 to 0.996 in steps of 0.0039.
This value of P is updated in the AGC loop each time the AGC
is initialized. This open-loop pole location directly impacts the
closed-loop pole locations, as explained in the Automatic Gain
Control section.
AGC Desired Level <7:0>
This register contains the desired signal level or desired clipping
level, depending on operational mode. This desired request level
(R) can be set in dB from 0 to 23.99 in steps of 0.094 dB. The
request level (R) in dB should be converted to a register setting
using the following formula:
Register Value = round
⎥
⎦
⎤
⎢
⎣
⎡
×64
)
2
(
log
20
10
R
AGC Loop Gain2 <7:0>
This 8-bit register is used to define the second possible open-
loop gain, K2. Its value can be set from 0 to 0.996 in steps of
0.0039. This value of K2 is updated each time the AGC is
initialized. When the magnitude-of-error signal in the loop is
greater than the AGC error threshold, then K2 is used by the
loop. K2 is updated only when the AGC is initialized.
AGC Loop Gain1 <7:0>
This 8-bit register is used to define the open-loop gain K1. Its
value can be set from 0 to 0.996 in steps of 0.0039. This value of
K is updated in the AGC loop each time the AGC is initialized.
When the magnitude-of-error signal in the loop is less than the
AGC error threshold, then K1 is used by the loop. K1 is updated
only when the AGC is initialized.
I Path Signature Register <15:0>
This 16-bit signature register is for the I path of the channel
logic. The signature register records data on the networks that
leave the channel logic, just before entering the second data
router.
Q Path Signature Register <15:0>
This 16-bit signature register is for the Q path of the channel
logic. The signature register records data on the networks that
leave the channel logic, just before entering the second data
router.
BIST Control <23:0>
<15>: Disable Signature Generation Bit. When this bit is active
high, the signature registers do not produce a pseudorandom
output value, but instead directly load the 24-bit input data.
When this bit is cleared, the signature register produces a
pseudorandom output for every clock cycle that it is active. See
the User-Configurable Built-In Self-Test (BIST) section for
details.
<14:0>: BIST Timer Bits. The <14:0> bits of this register form a
15-bit word that is loaded into the BIST timer. After loading the
BIST timer, the signature register is enabled for operation while
the timer is actively counting down. (See the User-Configurable
Built-In Self-Test (BIST) section.)
OUTPUT PORT REGISTER MAP
This part of the memory map deals with the output data and
controls for parallel output ports.
Parallel Port Output Control <31:0>
<23>: Port C Append RSSI Bit. When this bit is set, an RSSI
word is appended to every I/Q output sample, irrespective of
whether the RSSI word is updated in the AGC. When this bit is
cleared, an RSSI word is appended to an I/Q output sample only
when the RSSI word is updated. The RSSI word is not output for
subsequent I/Q samples until the next time the RSSI is updated
in the AGC.
<22>: Port C, Data Format Bit. When this bit is set, the port is
configured for 8-bit parallel I/Q mode. When cleared, the port is
configured for 16-bit interleaved I/Q mode. See the Parallel Port
Output section for details.
<21>: Port C, AGC 5 Enable Bit. When this bit is set, AGC 5 data
(I/Q data) is output on parallel Output Port C (data bus). When
this bit is cleared, AGC 5 data does not appear on Output
Port C.
<20>: Port C, AGC 4 Enable Bit. Similar to Bit <21> for AGC 4.
<19>: Port C, AGC 3 Enable Bit. Similar to Bit <21> for AGC 3.
<18>: Port C, AGC 2 Enable Bit. Similar to Bit <21> for AGC 2.
<17>: Port C, AGC 1 Enable Bit. Similar to Bit <21> for AGC 1.
<16>: Port C, AGC 0 Enable Bit. Similar to Bit <21> for AGC 0.
<15>: Port B Append RSSI Bit. When this bit is set, an RSSI
word is appended to every I/Q output sample, irrespective of
whether or not the RSSI word is updated in the AGC. When this
bit is cleared, an RSSI word is appended to an I/Q output sample
only when the RSSI word is updated. The RSSI word is not
output for subsequent I/Q samples until the next time the RSSI
is updated in the AGC.
<14>: Port B, Data Format Bit. When this bit is set, the port is
configured for 8-bit parallel I/Q mode. When this bit is cleared,
the port is configured for 16-bit interleaved I/Q mode. See the
Parallel Port Output section.
<13>: Port B, AGC 5 Enable Bit. When this bit is set, AGC 5 data
(I/Q data) is output on parallel output Port A (data bus). When
this bit is cleared, AGC 5 data does not appear on output Port C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com