Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 49 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6636 Datasheet HTML 45Page - Analog Devices AD6636 Datasheet HTML 46Page - Analog Devices AD6636 Datasheet HTML 47Page - Analog Devices AD6636 Datasheet HTML 48Page - Analog Devices AD6636 Datasheet HTML 49Page - Analog Devices AD6636 Datasheet HTML 50Page - Analog Devices AD6636 Datasheet HTML 51Page - Analog Devices AD6636 Datasheet HTML 52Page - Analog Devices AD6636 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
AD6636
Rev. 0 | Page 49 of 72
SPI Mode Write Operation
In SPI mode, the SCLK runs only when data is being trans-
ferred, so no external framing is necessary. The SPI serial mode
supports slave operations only. Input data on SDI pin is
registered on the rising edge of SCLK and, therefore, the DSP or
master device should be set to change data on the falling edge of
SCLK. All input and output transfers take place in 8-bit
transactions.
For a write operation, the user must write two 8-bit instruction
words to the serial port to instruct the AD6636 internal control
logic about the data to be written. The first instruction word is
an address location. If the MSBFIRST pin is Logic 1, this
address is the ending address; if it is Logic 0, this address
corresponds to the starting address. The second instruction
word contains a 1-bit read/write indicator (MSB bit: 1 = read,
0 = write), followed by a 7-bit field to indicate the number of
address locations to write (N).
Following the instruction words are the N write operations
(each one byte long), where N is the number of address
locations to write. After each write cycle, the internal address is
incremented (MSBFIRST = 0) or decremented (MSBFIRST =
1). In this case, MSBFIRST indicates the first bit coming out of
or into the SPI port as well as which byte is written first (most
significant byte of the N-byte transfer).
For example, consider writing Addresses 0x01 to 0x07 of
AD6636 register map, when operating in SPI mode and
MSBFIRST = 0. The instruction words are Addresses 0x01 and
0x07 (MSB = 0 for write). The following seven write cycles
transfer one byte at a time sequentially into Addresses 0x01 to
0x07, in that order. The instruction words and data should be
written with LSB first.
If the example is for MSBFIRST = 1, then the instruction words
are 0x07 (Address 7) and 0x07 (number of addresses to write).
The data corresponds to Addresses 0x07 to 0x01, in that order.
The instruction words and data are MSB first.
SPI Mode Read Operation
Data on the SDO pin is shifted out on the positive edge of
SCLK. Therefore, the DSP or other master device should
register data on the falling edge of SCLK. All input and output
transfers take place in 8-bit transactions. The SDO pin is high
impedance when data is not being output.
Each read cycle consists of SCS going low, eight clock cycles
generated on SCLK pin, followed by SCS pulled high. Data
corresponding to the addresses to be read is transferred out on
the SDO pin and is registered by the master device on the
falling edge. The data is MSB first or LSB first based on the
status of MSBFIRST pin.
For example, consider reading Addresses 0x01 to 0x07 of the
AD6636 register map, when operating in SPI mode and
MSBFIRST = 0. The instruction words are Addresses 0x01 and
0x87 (MSB = 1 for read). The following seven read cycles
transfer one byte at a time, sequentially out of Addresses 0x01 to
0x07, in that order. The instruction words should be written
LSB first, and data comes out on the SDO with the LSB first.
If the example is for MSBFIRST = 1, then the instruction words
are 0x07 (Address 7) and 0x87 (MSB = 1 for read, followed by
the number of address locations to read). The data coming out
on SDO corresponds to Addresses 0x07 to 0x01, in that order.
The instruction words are written MSB first, and data comes
out on the SDO with MSB first.
SCLK
SCS
SMODE
SDI
MODE
tSSCS
tHSI
D0
D1
D2
D3
D4
D5
D6
D7
tSSI
tHSCS
LOGIC 1
LOGIC 0
Figure 44. SPI Write to the AD6636 Serial Port and Transfer of 1-Byte Data to Internal Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com