Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6636 Datasheet HTML 25Page - Analog Devices AD6636 Datasheet HTML 26Page - Analog Devices AD6636 Datasheet HTML 27Page - Analog Devices AD6636 Datasheet HTML 28Page - Analog Devices AD6636 Datasheet HTML 29Page - Analog Devices AD6636 Datasheet HTML 30Page - Analog Devices AD6636 Datasheet HTML 31Page - Analog Devices AD6636 Datasheet HTML 32Page - Analog Devices AD6636 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
AD6636
Rev. 0 | Page 29 of 72
Table 13 can be used to decide the minimum decimation
required in the CIC stage to preserve a certain bandwidth. The
CIC5 stage can protect a much wider bandwidth to any given
rejection, when a decimation ratio lower than that identified in
the table is used. The table helps to calculate an upper boundary
on decimation, MCIC, given the desired filter characteristics.
Table 13. SSB CIC5 Alias Rejection Table (fin = 1)
MCIC5
−60 dB
−70 dB
−80 dB
−90 dB
−100 dB
2
8.078
6.393
5.066
4.008
3.183
3
6.367
5.11
4.107
3.297
2.642
4
5.022
4.057
3.271
2.636
2.121
5
4.107
3.326
2.687
2.17
1.748
6
3.463
2.808
2.27
1.836
1.48
7
2.989
2.425
1.962
1.588
1.281
8
2.627
2.133
1.726
1.397
1.128
9
2.342
1.902
1.54
1.247
1.007
10
2.113
1.716
1.39
1.125
0.909
11
1.924
1.563
1.266
1.025
0.828
12
1.765
1.435
1.162
0.941
0.76
13
1.631
1.326
1.074
0.87
0.703
14
1.516
1.232
0.998
0.809
0.653
15
1.416
1.151
0.932
0.755
0.61
16
1.328
1.079
0.874
0.708
0.572
17
1.25
1.016
0.823
0.667
0.539
18
1.181
0.96
0.778
0.63
0.509
19
1.119
0.91
0.737
0.597
0.483
20
1.064
0.865
0.701
0.568
0.459
21
1.013
0.824
0.667
0.541
0.437
22
0.967
0.786
0.637
0.516
0.417
23
0.925
0.752
0.61
0.494
0.399
24
0.887
0.721
0.584
0.474
0.383
25
0.852
0.692
0.561
0.455
0.367
26
0.819
0.666
0.54
0.437
0.353
27
0.789
0.641
0.52
0.421
0.34
28
0.761
0.618
0.501
0.406
0.328
29
0.734
0.597
0.484
0.392
0.317
30
0.71
0.577
0.468
0.379
0.306
31
0.687
0.559
0.453
0.367
0.297
32
0.666
0.541
0.439
0.355
0.287
Example Calculations
Goal:
Implement a filter with an input sample rate of 100 MHz
requiring 100 dB of alias rejection for a ± 1.4 MHz pass band.
Solution:
First determine the percentage of the sample rate that
is represented by the pass band.
4
.
1
MHz
100
MHz
4
.
1
100
=
×
=
fraction
BW
In the −100 dB column in Table 13, find the value greater than
or equal to the pass-band percentage of the clock rate. Then
find the corresponding rate decimation factor (MCIC). For an
MCIC of 6, the frequency that has −100 dB of alias rejection is
1.48%, which is slightly larger than the 1.4% calculated.
Therefore, for this example, the maximum bound on CIC
decimation rate is 6. A higher MCIC means less alias rejection
than the 100 dB required.
FIR HALF-BAND BLOCK
The output of the CIC filter is pipelined into the FIR HB (half-
band) block. Each channel has two sets of cascading fixed-
coefficient FIR and fixed-coefficient half-band filters. The half-
band filters decimate by 2. Each of these filters (FIR1, HB1,
FIR2, HB2) are described in the following sections.
3-Tap Fixed-Coefficient Filter (FIR1)
The 3-tap FIR filter is useful in certain filter configurations in
which extra alias protection is needed for the decimating HB1
filter. It is a simple sum-of-products FIR filter with three filter
taps and 2-bit fixed coefficients. Note that this filter does not
decimate. The coefficients of this symmetric filter are {1, 2, 1}.
The normalized coefficients used in the implementation are
{0.25, 0.5, 0.25}.
The user can either use or bypass this filter. Writing Logic 0 to
the FIR1 enable bit in the FIR-HB control register bypasses this
fixed-coefficient filter. The filter is useful only in certain filter
configurations and bypassing it for other applications results in
power savings.
FRACTION OF FIR1 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
–16.67
–8.33
–33.33
–25.00
–50.00
–41.67
–66.67
–58.33
–83.33
–75.00
–100.00
–91.67
0.34
0.66
–81
FIR1 RESPONSE
Figure 31. FIR1 Filter Response to the Input Rate of the Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com