Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 60 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD6636 Datasheet HTML 56Page - Analog Devices AD6636 Datasheet HTML 57Page - Analog Devices AD6636 Datasheet HTML 58Page - Analog Devices AD6636 Datasheet HTML 59Page - Analog Devices AD6636 Datasheet HTML 60Page - Analog Devices AD6636 Datasheet HTML 61Page - Analog Devices AD6636 Datasheet HTML 62Page - Analog Devices AD6636 Datasheet HTML 63Page - Analog Devices AD6636 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
AD6636
Rev. 0 | Page 60 of 72
<7>: Channel 1 Complex Data Input Bit. Similar to Bit <23> for
Channel 1.
<6:4>: Channel 1 Crossbar Mux Select Bits. Similar to Bits
<22:20> for Channel 1.
<3>: Channel 0 Complex Data Input Bit. Similar to Bit <23> for
Channel 0.
<2:0>: Channel 0 Crossbar Mux Select Bits. Similar to Bits
<22:20> for Channel 0.
ADC CLK Control Register <11:0>
These bits control the ADC clocks and internal PLL clock.
<11>: ADC Port D CLK Invert Bit. When this bit is set, the
inverted ADC Port D clock is used to register ADC input port
D data into the part. When this bit is cleared, the clock is used as
is, without any inversion or phase change.
<10>: ADC Port C CLK Invert Bit. Similar to Bit <11> for ADC
Port C.
<9>: ADC Port B CLK Invert Bit. Similar to Bit <11> for ADC
Port B.
<8>: ADC Port A CLK Invert Bit. Similar to Bit <11> for ADC
Port A.
<7:6>: ADC Pre PLL Clock Divider Bits. These bits control the
PLL clock divider. The PLL clock is derived from the ADC
Port A clock.
Table 32. PLL Clock Divider Select Bits
PLL Clock Divider Bits <12:11>
Divide-by Value
00
Divide-by-1, bypass
01
Divide-by-2
10
Divide-by-4
11
Divide-by-8
<5:1>: PLL Clock Multiplier Bits. These bits control the PLL
clock multiplier. The output of the PLL clock divider is
multiplied with the binary value of these bits. The valid range
for the multiplier is from 4 to 20. A value outside this range
powers down the PLL, and the PLL clock is the same as the
ADC Port A clock.
<0>: This bit is open (write Logic 0).
Port AB, I/Q Correction Control <15:0>
<15:12>: Amplitude Loop BW. These bits set the decimation
value used in the integrator for the amplitude offset-estimation
feedback loop. A value of 0 sets a decimation of 212 and a value
of 11 sets decimation of 224. Each increment of these bits
increases the decimation value by a power of 2.
<11:8>: Phase Loop BW. These bits set the decimation value
used in the integrator for the phase offset-estimation feedback
loop. A value of 0 sets a decimation of 212 and a value of 11 sets
decimation of 224. Each increment of these bits increases the
decimation value by a power of 2.
<7:4>: DC Loop BW. These bits set the decimation and
interpolation value used in the low-pass filters for the dc offset
estimation feedback loop. A value of 0 sets a decimation/
interpolation of 212 and a value of 11 sets decimation/
interpolation of 224. Each increment of these bits increases the
decimation/interpolation value by a power of 2.
<3>: Reserved.
<2>: Port AB Amplitude Correction Enable Bit. When the
amplitude correction enable bit is set, the amplitude correction
function of the I/Q correction logic for the AB port is enabled.
When this bit cleared, the amplitude correction value is given by
the value of the AB amplitude correction register. If the Port A
complex data active bit of the ADC input control register is
cleared (real input mode), this bit is a don’t care.
<1>: Port AB Phase Correction Enable Bit. When this bit is set,
the phase correction function of the I/Q correction logic for the
AB port is enabled. When this bit is cleared, the phase correc-
tion value is given by the value of the AB phase correction
register. If the Port A complex data active bit of the ADC input
control register is cleared (real input mode), this bit is a don’t
care.
<0>: Port AB DC Correction Enable Bit. When this bit is set, the
dc offset correction function of the I/Q correction block for the
AB port is enabled. When this bit is cleared, the dc offset
correction value is given by the value of the AB offset correction
registers. If the Port A complex data active bit of the ADC input
control register is cleared (real input mode), this bit is a don’t
care.
Port CD, I/Q Correction Control <15:0>
<15:12>: Amplitude Loop BW. These bits set the decimation
value used in the integrator for the amplitude offset estimation
feedback loop. A value of 0 sets a decimation of 212 and a value
of 11 sets decimation of 224. Each increment of these bits
increases the decimation value by a power of 2.
<11:8>: Phase Loop BW. These bits set the decimation value
used in the integrator for the phase offset estimation feedback
loop. A value of 0 sets a decimation of 212 and a value of 11 sets
decimation of 224. Each increment of these bits increases the
decimation value by a power of 2.
<7:4>: DC Loop BW. These bits set the decimation and
interpolation value used in the low pass filters for the dc offset
estimation feedback loop. A value of 0 sets a decimation/
interpolation of 212 and a value of 11 sets decimation/
interpolation of 224. Each increment of these bits increases the
decimation/interpolation value by a power of 2.
<3>: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com