Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6636 Datasheet HTML 16Page - Analog Devices AD6636 Datasheet HTML 17Page - Analog Devices AD6636 Datasheet HTML 18Page - Analog Devices AD6636 Datasheet HTML 19Page - Analog Devices AD6636 Datasheet HTML 20Page - Analog Devices AD6636 Datasheet HTML 21Page - Analog Devices AD6636 Datasheet HTML 22Page - Analog Devices AD6636 Datasheet HTML 23Page - Analog Devices AD6636 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
AD6636
Rev. 0 | Page 20 of 72
AD6645
14-BIT ADC
AD6636
D13 (MSB)
D0 (LSB)
IN15
IN2
EXP0
EXP1
IN0
IN1
EXP2
GAIN RANGING CONTROL
BITS OR GROUNDED
EXPONENT BITS
Figure 23. Typical Interconnection of the AD6645 Fixed-Point ADC
and the AD6636
Scaling with Floating-Point ADC
An example of the exponent control feature combines the
AD6600 and the AD6636. The AD6600 is an 11-bit ADC with
three bits of gain ranging. In effect, the 11-bit ADC provides the
mantissa, and the three bits of the relative signal strength
indicator (RSSI) are the exponent. Only five of the eight
available steps are used by the AD6600. See the AD6600 data
sheet for details.
Table 9. Weighting Factors for Different Exp[2:0] Values
ADC Input
Level
AD6636
Exp[2:0]
Data
Divide-By
Signal
Attenuation (dB)
Largest
000 (0)
/1 (>> 0)
0
001 (1)
/2 (>>1)
6
010 (2)
/4 (>>2)
12
011 (3)
/8 (>>3)
18
100 (4)
/16 (>> 4)
24
101 (5)
/32 (>> 5)
30
110 (6)
/64 (>> 6)
36
Smallest
111 (7)
/128(>> 7)
42
Complex (I/Q) Input Ports
The four individual ADC input ports of the AD6636 can be
configured to function as two complex input ports. Additionally,
if required, only two input ports can be made to function as a
complex port, while the remaining two input ports function as
real individual input ports.
In complex mode, Input Port A is paired with Input Port B to
receive I and Q data, respectively. Similarly, Input Port C can be
paired with Input Port D to receive I and Q data, respectively.
These two pairings are controlled individually using Bits 24 and
25 of ADC input control register.
As explained previously, each individual channel can receive
input signals from any of the four input ports using the crossbar
mux select bits in the ADC input control register. In addition to
the three bits, a 1-bit selection is provided for choosing the
complex input port option for any individual channel. For
example, if Channel 0 needs to receive complex input from
Input Ports A and B, then the mux select bits should indicate
Input Port A, and the complex input bit should be selected.
When the input ports are paired for complex input operation,
only one set of exponent bits is driven externally with gain
control output. So when Input Ports A and B form a complex
input, then EXPA[2:0] are output and, similarly, for Input Ports
C and D, EXPC[2:0] are output.
LVDS Input Ports
AD6636 input ports can be configured in two different modes:
CMOS or LVDS. In CMOS input mode, the four input ports can
be configured as two complex input ports. In LVDS mode, two
CMOS input ports each are combined to form one LVDS input
port.
CMOS Input Ports INA[15:0] and INB[15:0] form the positive
and negative differential nodes, LVDS_A+[15:0] and
LVDS_A−[15:0], respectively. Similarly, INC[15:0] and
IND[15:0] form the positive and negative differential nodes,
LVDS_C+[15:0] and LVDS_C− [15:0], respectively. CLKA and
CLKB form the differential pair, LVDS_CLKA+ and
LVDS_CLKA− pins. Similarly, CLKC and CLKD form the
differential pair LVDS_CLKC+ and LVDS_CLKC− pins.
By default, the AD6636 powers up in CMOS mode and can be
programmed to CMOS mode by using the CMOS mode bit (Bit
10 of the LVDS control register). Writing Logic 1 to Bit 8 of the
LVDS control register enables an autocalibrate routine that
calibrates the impedance of the LVDS pads to match the output
impedance of the LVDS signal source impedance. The LVDS
pads in the AD6636 have an internal impedance of 100 Ω across
the differential signals; therefore, an external resistor is not
required.
PLL CLOCK MULTIPLIER
In the AD6636, the input clock rate must be the same as the
input data rate. In a typical digital down-converter architecture,
the clock rate is a limitation on the number of filter taps that
can be calculated in the programmable RAM coefficient filters
(MRCF, DRCF, and CRCF). For slower ADC clock rates (or for
any clock rate), this limitation can be overcome by using a PLL
clock multiplier to provide a higher clock rate to the RCF filters.
Using this clock multiplier, the internal signal processing clock
rate can be increased up to 200 MHz. The CLKA signal is used
as an input to the PLL clock multiplier.
CLKA
PLL_CLK
ADC_CLK
DIVIDE BY N
(1, 2, 4 OR 8)
PLL CLOCK
MULITPLIER
(4x TO 20x)
PLL CLOCK GENERATION
BYPASS_PLL
1 FOR BYPASS
NM
2
5
0
1
1
0
Figure 24. PLL Clock Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com