Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 26 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6636 Datasheet HTML 22Page - Analog Devices AD6636 Datasheet HTML 23Page - Analog Devices AD6636 Datasheet HTML 24Page - Analog Devices AD6636 Datasheet HTML 25Page - Analog Devices AD6636 Datasheet HTML 26Page - Analog Devices AD6636 Datasheet HTML 27Page - Analog Devices AD6636 Datasheet HTML 28Page - Analog Devices AD6636 Datasheet HTML 29Page - Analog Devices AD6636 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
AD6636
Rev. 0 | Page 26 of 72
The amplitude of the sine and cosine are represented using 17
bits. The worst-case spurious signal from the NCO is better
than −100 dBc for all output frequencies.
When amplitude offset correction circuit is disabled, the value
in the amplitude offset correction register multiplied with the
Q path data and added to Q path data continuously. This
method can be used to manually set the amplitude offset
instead of using the automatic amplitude offset correction
circuit.
Because all the filtering in the AD6636 is low-pass filtering, the
carrier of interest is tuned down to dc (frequency = 0 Hz). This
is illustrated in Figure 30. Once the signal of interest is tuned
down to dc, the unwanted adjacent carriers can be rejected
using the low-pass filtering that follows.
INPUT CROSSBAR MATRIX
The AD6636 has four ADC input ports and six channels. Two
input ports can be paired to support complex input ports.
Crossbar mux selection allows each channel to select its input
signal from the following sources: four real input ports, two
complex input ports, and internally generated pseudorandom
sequence (referred to as a PN sequence, which can be either real
or complex). Each channel has an input crossbar matrix to
select from the above-listed input signal choices.
NCO Frequency
The NCO frequency value is given by the 32-bit twos
complement number entered in the NCO frequency register.
Frequencies between −CLK/2 and CLK/2 (CLK/2 excluded)
are represented using this frequency word:
0x8000 0000 represents a frequency given by −CLK/2.
0x0000 0000 represents dc (frequency is 0 Hz).
The selection of the input signal for a particular channel is
made using a 3-bit crossbar mux select word and a 1-bit
complex data input bit selection in the ADC input control
register. Each channel has a separate selection for individual
control. Table 12 lists the valid combinations of the crossbar
mux select word, the complex data input bit values, and the
corresponding input signal selections.
0x7FFF FFFF represents CLK/2 − CLK/232.
The NCO frequency word can be calculated using following the
equation:
(
)
clk
clk
ch
f
f
f
FREQ
NCO
,
mod
2
=
_
32
NUMERICALLY CONTROLLED OSCILLATOR (NCO)
where:
Each channel consists of an independent complex NCO and a
complex mixer. This processing stage comprises a digital tuner
consisting of three multipliers and a 32-bit complex NCO. The
NCO serves as a quadrature local oscillator capable of produc-
ing an NCO frequency of between −CLK/2 and +CLK/2 with a
resolution of CLK/232 in complex mode, where CLK is the input
clock frequency.
NCO_FREQ is the 32-bit twos complement number represent-
ing the NCO frequency register.
fch is the desired carrier frequency.
fclk is the clock rate for the channel under consideration.
mod( ) is a remainder function. For example, mod(110, 100) =
10 and, for negative numbers, mod(−32, 10) = −2.
The frequency word used for generating the NCO is a 32-bit
word. This word is used to generate a 20-bit phase word. A
16-bit phase offset word is added to this phase word. 18 bits of
this phase word are used to generate the sine and cosine of the
required NCO frequency.
Note that this equation applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals).
Table 12. Crossbar Mux Selection for Channel Input Signal
Complex Input Bit
Crossbar Mux Select Bit
Input Signal Selection
0
000
Input Port A magnitude and exponent pins drive the channel.
0
001
Input Port B magnitude and exponent pins drive the channel.
0
010
Input Port C magnitude and exponent pins drive the channel.
0
011
Input Port D magnitude and exponent pins drive the channel.
0
100
Internal PN sequence’s magnitude and exponent bits drive the channel.
1
000
Input Ports A and B form a pair to drive I and Q paths of the channel, respectively. Input
Port A exponent pins drive the channel exponent bits.
1
001
Input Ports C and D form a pair to drive I and Q paths of the channel, respectively. Input
Port C exponent pins drive the channel exponent bits.
1
010
Internal PN sequence’s magnitude and exponent bits drive the channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com