Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 34 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6636 Datasheet HTML 30Page - Analog Devices AD6636 Datasheet HTML 31Page - Analog Devices AD6636 Datasheet HTML 32Page - Analog Devices AD6636 Datasheet HTML 33Page - Analog Devices AD6636 Datasheet HTML 34Page - Analog Devices AD6636 Datasheet HTML 35Page - Analog Devices AD6636 Datasheet HTML 36Page - Analog Devices AD6636 Datasheet HTML 37Page - Analog Devices AD6636 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
AD6636
Rev. 0 | Page 34 of 72
Maximum Number of Taps Calculated
The output rate of the DRCF filter is given by
DRCF
MRCF
DRCF
M
f
f
=
where:
fMRCF is the data rate out of the MRCF filter and into the DRCF
filter.
MDRCF is the decimation rate in the DRCF filter.
The DRCF filter consists of two multipliers (one each for the
I and Q paths). Each multiplier, working at the high speed clock
rate (PLL clock), can do one multiply (or one tap) per high
speed clock cycle. Therefore, the maximum number of filter
taps that can be calculated (symmetrical or asymmetrical filter)
is given by
1
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
DRCF
PLLCLK
f
f
ceil
Taps
of
Number
Maximum
where:
fPLLCLK is the high speed internal processing clock generated by
the PLL clock multiplier.
fDRCF is the output rate of the DRCF filter calculated above.
Programming DRCF Registers for an Asymmetrical Filter
To program the DRCF registers for an asymmetrical filter:
1.
Write NTAPS – 1 in the DRCF taps register, where NTAPS
is the number of filter taps. The absolute maximum value
for NTAPS is 64 in asymmetrical filter mode.
2.
Write 0 for the DRCF coefficient offset register.
3.
Write 0 for the symmetrical filter bit in the DRCF control
register.
4.
Write the start address for the coefficient RAM, typically
equal to the coefficient offset register in the DRCF start
address register.
5.
In the DRCF stop address register, write the stop address
for the coefficient RAM, typically equal to the following:
Coefficient Offset + NTAPS − 1
6.
Write all coefficients in reverse order (start with last
coefficient) to the DRCF coefficient memory register. If in
8-bit microport mode or serial port mode, write the lower
byte of the memory register first and then the higher byte.
7.
After each write access to the DRCF coefficient memory
register, the internal RAM address is incremented starting
with the start address and ending with the stop address.
Note that each write or read access increments the internal
RAM address. Therefore, all coefficients should be read first
before reading them back. Also, for debugging purposes, each
RAM address can be written individually by making the start
address and stop addresses the same. Therefore, to program one
RAM location, the user writes the address of the RAM location
to both the start and stop address registers, and then writes the
coefficient memory register.
Programming DRCF Registers for a Symmetric Filter
To program the DRCF registers for a symmetrical filter:
1.
Write NTAPS – 1 in the DRCF taps register, where NTAPS
is the number of filter taps. The absolute maximum value
for NTAPS is 128 in symmetric filter mode.
2.
Write ceil(64 – NTAPS/2) for the DRCF coefficient offset
register, where the ceil function takes the closest integer
greater than or equal to the argument.
3.
Write 1 for the symmetrical filter bit in the DRCF control
register.
4.
Write the start address for the coefficient RAM, typically
equal to coefficient offset register, in the DRCF start
address register.
5.
Write the stop address for the coefficient RAM, typically
equal to ceil(NTAPS/2) – 1, in the DRCF stop address
register.
6.
Write all coefficients to the DRCF coefficient memory
register, starting with the middle of the filter and working
towards the end of the filter. When coefficients are
numbered 0 to NTAPS – 1, the middle coefficient is given
by the coefficient number ceil(NTAPS/2). If in 8-bit
microport mode or serial port mode, write the lower byte
of the memory register first and then the higher byte. After
each write access to the DRCF coefficient memory register,
the internal RAM address is incremented starting with the
start address and ending with stop address.
Note that each write or read access increments the internal
RAM address. Therefore, all coefficients should be read first
before reading them back. Also, for debugging purposes, each
RAM address can be written individually by making the start
and stop addresses the same. Therefore, to program one RAM
location, the user writes the address of the RAM location to
both the start and stop address registers, and then writes the
coefficient memory register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com