Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 46 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD6636 Datasheet HTML 42Page - Analog Devices AD6636 Datasheet HTML 43Page - Analog Devices AD6636 Datasheet HTML 44Page - Analog Devices AD6636 Datasheet HTML 45Page - Analog Devices AD6636 Datasheet HTML 46Page - Analog Devices AD6636 Datasheet HTML 47Page - Analog Devices AD6636 Datasheet HTML 48Page - Analog Devices AD6636 Datasheet HTML 49Page - Analog Devices AD6636 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
AD6636
Rev. 0 | Page 46 of 72
PCLK
tDPREQ
PxREQ
PxACK
tDPP
Px [15:0]
I [15:8]
Q [15:8]
PxIQ
tDPIQ
PxCH [2:0]
PxCH [2:0] = CHANNEL #
tDPCH
GAIN [11:0] +
0000
PxGAIN
tDPGAIN
Figure 43. Parallel I/Q Mode with an AGC Gain Word
Parallel Port Pin Functions
Table 24 describes the functions of the pins used by the parallel ports.
Table 24. Parallel Port Pin Functions
Pin Name
I/O
Function
PCLK
I/O
PCLK can operate as a master or as a slave. This setting is dependent on the 1-bit PCLK master mode bit in the
Parallel Port Control 2 register. As an output (master mode), the maximum frequency is CLK/N, where CLK is
AD6636 clock and N is an integer divisor of 1, 2, 4, or 8. As an input (slave mode), it can be asynchronous or
synchronous relative to the AD6636 CLK. This pin powers up as an input to avoid possible contentions. Parallel
port output pins change on the rising edge of PCLK.
PAREQ, PBREQ,
PCREQ
O
Active high output. Synchronous to PCLK. A logic high on this pin indicates that data is available to be shifted out
of the port. When an acknowledge signal is received, data starts shifting out and this pin remains high until all
pending data has been shifted out.
PAACK, PBACK,
PCACK
I
Active high asynchronous input. Applying a logic low on this pin inhibits parallel port data shifting. Applying a
logic high to this pin when REQ is high causes the parallel port to shift out data according to the programmed
data mode.
ACK is sampled on the rising edge of PCLK. Assuming that REQ is asserted, the latency from the assertion of ACK
to data appearing at the parallel port output is no more than 1.5 PCLK cycles. ACK can be held high continuously;
in this case, when data becomes available, shifting begins 1 PCLK cycle after the assertion of REQ (see Figure 40,
Figure 41, Figure 42, and Figure 43).
PAIQ, PBIQ,
PCIQ
High whenever I data is present on the parallel port data bus; otherwise low. In parallel I/Q mode, both I data and
Q data are available at the same time and, therefore, the PxIQ signal is pulled high.
PAGAIN,
PBGAIN,
PCGAIN
High whenever the AGC gain word is present on the parallel port data bus; otherwise low.
PACH[2:0],
PBCH[2:0],
PCCH[2:0]
These pins identify data in both of the parallel port modes. The 3-bit value identifies the source of the data (AGC
number) on the parallel port when it is being shifted out.
PADATA[15:0],
PBDATA[15:0],
PCDATA[15:0]
Parallel output port data bus. Output format is twos complement. In parallel I/Q mode, 8-bit data is present; in
interleaved I/Q mode, 16-bit data is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com