Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 69 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD6636 Datasheet HTML 64Page - Analog Devices AD6636 Datasheet HTML 65Page - Analog Devices AD6636 Datasheet HTML 66Page - Analog Devices AD6636 Datasheet HTML 67Page - Analog Devices AD6636 Datasheet HTML 68Page - Analog Devices AD6636 Datasheet HTML 69Page - Analog Devices AD6636 Datasheet HTML 70Page - Analog Devices AD6636 Datasheet HTML 71Page - Analog Devices AD6636 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
AD6636
Rev. 0 | Page 69 of 72
AGC 0, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC 0. Note that AGC 0 might be bypassed, and
that AGC 0 here is representative of the datapath only.
AGC 0, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC 0. Note that AGC 0 might be
bypassed, and that AGC 0 here is representative of the
datapath only.
AGC 1, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC 1. Note that AGC 1 might be bypassed and
that AGC 1 here is representative of the datapath only.
AGC 1, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC 1. Note that AGC 1 might be bypassed
and that AGC 1 here is representative of the datapath only.
AGC 2, I Output <15:0:
This read-only register provides the latest in-phase output
sample from AGC 2. Note that AGC 2 might be bypassed and
that AGC 2 here is representative of the datapath only.
AGC 2, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC 2. Note that AGC 2 might be bypassed
and that AGC 2 here is representative of the datapath only.
AGC 3, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC 3. Note that AGC 3 might be bypassed and
that AGC 3 here is representative of the datapath only.
AGC 3, Q output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC 3. Note that AGC 3 might be bypassed
and that AGC 3 here is representative of the datapath only.
AGC 4, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC 4. Note that AGC 4 might be bypassed and
that AGC 4 here is representative of the datapath only.
AGC 4, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC 4. Note that AGC 4 might be bypassed
and that AGC 4 here is representative of the datapath only.
AGC 5, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC 5. Note that AGC 5 might be bypassed and
that AGC 5 here is representative of the datapath only.
AGC 5, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC 5. Note that AGC 5 might be bypassed
and that AGC 5 here is representative of the datapath only.
AGC 0, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC 0. This register is updated only when AGC 0 is
enabled and operating.
AGC 1, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC 1. This register is updated only when AGC 1 is
enabled and operating.
AGC 2, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC 2. This register is updated only when AGC 2 is
enabled and operating.
AGC 3, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC 3. This register is updated only when AGC 3 is
enabled and operating.
AGC 4, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC 4. This register is updated only when AGC 4 is
enabled and operating.
AGC 5, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC 5. This register is updated only when AGC 5 is
enabled and operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com