Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6636 Datasheet HTML 40Page - Analog Devices AD6636 Datasheet HTML 41Page - Analog Devices AD6636 Datasheet HTML 42Page - Analog Devices AD6636 Datasheet HTML 43Page - Analog Devices AD6636 Datasheet HTML 44Page - Analog Devices AD6636 Datasheet HTML 45Page - Analog Devices AD6636 Datasheet HTML 46Page - Analog Devices AD6636 Datasheet HTML 47Page - Analog Devices AD6636 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
AD6636
Rev. 0 | Page 44 of 72
When an output data sample is available for output from an
AGC, the parallel port initiates the transfer by pulling the
PxREQ signal high. In response, the processor receiving the
data needs to pull the PxACK signal high, acknowledging that it
is ready to receive the signal. In Figure 40, PxACK is already
pulled high and, therefore, the 16-bit I data is output on the data
bus on the next PCLK rising edge after PxREQ is driven logic
high. The PxIQ signal also goes high to indicate that I data is
available on the data bus. The next PCLK cycle brings the
Q data onto the data bus. In this cycle, the PxIQ signal is driven
low. When I data and Q data are output, the channel indicator
pins PxCH[2:0] indicate the data source (AGC number).
Figure 40 is the timing diagram for interleaved I/Q mode with
the AGC gain word disabled. Figure 41 is a similar timing
diagram with the AGC gain word. I and Q data are as explained
for Figure 40. In the PCLK cycle after the Q data, the AGC gain
word is output on the data bus and the PxGAIN signal is pulled
high to indicate that the gain word is available on the parallel
port. Therefore, a minimum of three or four PCLK cycles are
required to output one sample of output data on the parallel
port without or with the AGC gain word, respectively.
Parallel IQ Mode
In this mode, eight bits of I data and eight bits of Q data are
output on the data bus simultaneously during one PCLK cycle.
The I byte is the most significant byte of the port, while the Q
byte is the least significant byte. The PAIQ and PBIQ output
indicator pins are set high during the PCLK cycle. Note that if
data from multiple AGCs are output consecutively, the PAIQ
and PBIQ output indicator pins remain high until data from all
channels is output.
The PACH[2:0] and PBCH[2:0] pins provide a 3-bit binary
value indicating the source (AGC number) of the data currently
being output. Figure 42 is the timing diagram for parallel I/Q
mode.
PCLKn
tDPREQ
PxREQ
PxACK
tDPP
Px [15:0]
I[15:0]
Q[15:0]
PxIQ
tDPIQ
PxCH [2:0]
PxCH [2:0] = CHANNEL #
tDPCH
GAIN [11:0] +
0000
PxGAIN
tDPGAIN
Figure 41. Interleaved I/Q Mode with an AGC Gain Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com