Electronic Components Datasheet Search
  English  ▼

X  

AD6636 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6636 Datasheet HTML 8Page - Analog Devices AD6636 Datasheet HTML 9Page - Analog Devices AD6636 Datasheet HTML 10Page - Analog Devices AD6636 Datasheet HTML 11Page - Analog Devices AD6636 Datasheet HTML 12Page - Analog Devices AD6636 Datasheet HTML 13Page - Analog Devices AD6636 Datasheet HTML 14Page - Analog Devices AD6636 Datasheet HTML 15Page - Analog Devices AD6636 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
AD6636
Rev. 0 | Page 12 of 72
Name
Type
Pin No.
Function
SERIAL PORT CONTROL
SCLK
Input
R1
Serial Clock.
SDO
Output
M6
Serial Port Data Output.
SDI2
Input
N11
Serial Port Data Input.
STFS
Input
N4
Serial Transmit Frame Sync.
SRFS
Input
P4
Serial Receive Frame Sync.
SCS
Input
N5
Serial Chip Select.
MSB_FIRST
Input
R3
Select MSB First into SDI Pin and MSB First Out of SDO Pin. Logic 0 = MSB first;
Logic 1 = LSB first.
SMODE
Input
P5
Serial Mode Select. Pull high when serial port is used and low when microport is
used.
JTAG
TRST1
Input
B13
Test Reset Pin. Pull low when JTAG is not used.
TCLK2
Input
C12
Test Clock.
TMS1
Input
C11
Test Mode Select.
TDO
Output
A13
Test Data Output. Three-stated when JTAG is in reset.
TDI1
Input
D10
Test Data Input.
1 Pin with a pull-up resistor of nominal 70 kΩ.
2 Pin with a pull-down resistor of nominal 70 kΩ.
PIN LISTING FOR POWER, GROUND, DATA AND ADDRESS BUSES
Table 8.
Name
Pin No.
VDDCORE
A9, G6, G11, H1, H6, H11, J6, J11, J16, K6, K11, T8
VDDIO
B2, B15, F7, F8, F9, F10, L7, L8, L9, L10, R2, R15
GND
A1, A8, A16, E5, F6, F11, G7, G8, G9, G10, H7, H8, H9, H10, H16, J1, J7, J8, J9, J10, K7, K8, K9, K10, L6, L11, M5,
P7, T1, T9, T10, T15, T16
INA[0:15]
N3, P2, P1, N2, N1, M1, L2, K3, K2, J2, H2, G1, F1, F2, E1, E2
INB[0:15]
M4, L4, M3, L5, L3, M2, K4, K5, J4, J5, J3, H4, H3, G2, H5, G3
INC[0:15]
C3, C4, B3, A2, D6, C6, E7, D7, E8, D8, C8, E9, D9, C9, B10, E10
IND[0:15]
B1, E6, D5, C5, A3, B4, B5, A4, B6, C7, B7, A7, B8, B9, A10, A11
PA[0:15]
F16, H15, G16, J12, J15, J14, K16, J13, K15, K14, L16, M16, K12, L15, N16, K13
PB[0:15]
F13, E15, G14, G12, E13, E14, F12, F14, C14, D14, C16, A15, B16, D15, D13, C15
PC[0:15]
M14, N14, M13, L12, P14, N13, R14, M12, T14, R13, P13, P12, M11, T13, T12, N12
D[0:15]
R10, N9, N8, T7, P9, M9, R9, T5, T6, P8, R7, R8, N7, M7, R6, M8
A[0:7]
N11, R12, P11, R11, N10, M10, P10, T11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com