Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2320-12
8
Rev B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
THD, Harmonics vs Input Common
Mode
SNR, SINAD vs Reference Voltage,
fIN = 500kHz
32k Point FFT, IMD, fSMPL = 1.5Msps,
AIN+ = 490kHz, AIN– = 510kHz
32k Point FFT, fSMPL = 1.5Msps,
fIN = 500kHz
SNR, SINAD vs Input Frequency
(1kHz to 750kHz)
THD, Harmonics vs Input
Frequency (1kHz to 750kHz)
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFOUT1,2,3,4
= 4.096V, fSMPL = 1.5Msps, unless otherwise noted.
OUTPUT CODE
–4096
–2048
0
2048
4096
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
232012 G01
Right Click In Graph Area for Menu
Double Click In Graph Area for Data Setup
OUTPUT CODE
–4096
–2048
0
2048
4096
–1.0
–0.5
0
0.5
1.0
232012 G02
CODE
–2
–1
0
1
2
0
17500
35000
52500
70000
DC Histogram
232012 G03
SNR = 78.4dB
THD = –90.9dB
SINAD = 78.2dB
SFDR = 95.2dB
FREQUENCY (MHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–140
–120
–100
–80
–60
–40
–20
0
SMPL
IN
232012 G04
SNR
SINAD
FREQUENCY (MHz)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
75.0
75.5
76.0
76.5
77.0
77.5
78.0
78.5
79.0
79.5
80.0
232012 G05
THD
HD3
HD2
FREQUENCY (MHz)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
–120
–116
–112
–108
–104
–100
–96
–92
–88
–84
–80
232012 G06
THD
HD3
HD2
fIN = 500kHz
INPUT COMMON MODE (V)
1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3
–120
–116
–112
–108
–104
–100
–96
–92
–88
–84
–80
Mode
232012 G07
SNR
SINAD
fIN = 500kHz
VREFOUT(V)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
64
66
68
70
72
74
76
78
80
fIN = 500kHz
232012 G08
THD = 87dB
VCM = 20kHz, 4VP-P
FREQUENCY (MHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–140
–120
–100
–80
–60
–40
–20
0
IN
IN
232012 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com