Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology LTC2602 Datasheet HTML 27Page - Linear Technology LTC2602 Datasheet HTML 28Page - Linear Technology LTC2602 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC2320-12
25
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
the SCK pin to achieve 1.5Msps throughput using all eight
SDO outputs. In DDR mode (SDR/DDR Pin 23 = OVDD),
each input edge of SCK shifts the conversion result MSB
first onto the SDO pins. A 50MHz external clock must be
applied at the SCK pin to achieve 1.5Msps throughput
using all eight SDO1 through SDO8 outputs.
CLKOUT Serial Data Clock Output
The CLKOUT output provides a skew-matched clock to
latch the SDO output at the receiver. The timing skew
of the CLKOUT and SDO outputs are matched. For high
throughput applications, using CLKOUT instead of SCK to
capture the SDO output eases timing requirements at the
receiver. For low throughput speed applications, CLKOUT
can be disabled by tying Pin 34 to OVDD.
Nap/Sleep Modes
Nap mode is a method to save power without sacrificing
power-up delays for subsequent conversions. Sleep mode
has substantial power savings, but a power-up delay is
incurred to allow the reference and power systems to
become valid. To enter nap mode on the LTC2320-12,
the SCK signal must be held high or low and a series of
two CNV pulses must be applied. This is the case for both
CMOS and LVDS modes. The second rising edge of CNV
initiates the nap state. The nap state will persist until either
asinglerisingedgeofSCKisapplied,orfurtherCNVpulses
are applied. The SCK rising edge will put the LTC2320-12
back into the operational (full-power) state. When in nap
mode, two additional pulses will put the LTC2320-12 in
sleep mode. When configured for CMOS I/O operation, a
single rising edge of SCK can return the LTC2320-12 into
operational mode. A 10ms delay is necessary after exiting
sleep mode to allow the reference buffer to recharge the
external filter capacitor. In LVDS mode, exit sleep mode
by supplying a fifth CNV pulse. The fifth pulse will return
the LTC2320-12 to operational mode, and further SCK
pulses will keep the part from re-entering nap and sleep
modes. The fifth SCK pulse also works in CMOS mode
as a method to exit sleep. In the absence of SCK pulses,
repetitive CNV pulses will cycle the LTC2320-12 between
operational, nap and sleep modes indefinitely.
Refer to the timing diagrams in Figure  18, Figure  19,
Figure 20 and Figure 21 for more detailed timing informa-
tion about sleep and nap modes.
Figure 18. CMOS and LVDS Mode NAP and WAKE Using SCK
FULL POWER MODE
1
2
CNV
SCK
HOLD STATIC HIGH OR LOW
NAP MODE
SDO1 – 8
WAKE ON 1ST SCK EDGE
Z
Z
232012 F18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com