Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology LTC2602 Datasheet HTML 27Page - Linear Technology LTC2602 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2320-12
24
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
Total Harmonic Distortion (THD)
Totalharmonicdistortion(THD)istheratiooftheRMSsum
ofallharmonicsoftheinputsignaltothefundamentalitself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (fSMPL/2).
THD is expressed as:
THD = 20log
V22 + V32 + V42 + …+VN
2
V1
where V1 is the RMS amplitude of the fundamental
frequency and V2 through VN are the amplitudes of the
second through Nth harmonics.
POWER CONSIDERATIONS
The LTC2320-12 requires two power supplies: the 3.3V
to 5V power supply (VDD), and the digital input/output
interface power supply (OVDD). The flexible OVDD supply
allows the LTC2320-12 to communicate with any digital
logic operating between 1.8V and 2.5V. When using LVDS
I/O, the OVDD supply must be set to 2.5V.
Power Supply Sequencing
The LTC2320-12 does not have any specific power supply
sequencing requirements. Care should be taken to adhere
to the maximum voltage relationships described in the
Absolute Maximum Ratings section. The LTC2320-12
has a power-on-reset (POR) circuit that will reset the
LTC2320-12 at initial power-up or whenever the power
Figure 16. 32k Point FFT of the LTC2320-12
SNR = 78.4dB
THD = –90.9dB
SINAD = 78.2dB
SFDR = 95.2dB
FREQUENCY (MHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–140
–120
–100
–80
–60
–40
–20
0
SMPL
IN
232012 F16
supply voltage drops below 2V. Once the supply voltage
re-enters the nominal supply voltage range, the POR will
reinitialize the ADC. No conversions should be initiated
until 10ms after a POR event to ensure the reinitialization
period has ended. Any conversions initiated before this
time will produce invalid results.
TIMING AND CONTROL
CNV Timing
The LTC2320-12 sampling and conversion is controlled
by CNV. A rising edge on CNV will start sampling and the
fallingedgestartstheconversionandreadoutprocess.The
conversion process is timed by the SCK input clock. For
optimum performance, CNV should be driven by a clean
low jitter signal. The Typical Application at the back of the
data sheet illustrates a recommended implementation to
reduce the relatively large jitter from an FPGA CNV pulse
source. Note the low jitter input clock times the falling
edge of the CNV signal. The rising edge jitter of CNV is
much less critical to performance. The typical pulse width
of the CNV signal is 30ns with < 1.5ns rise and fall times
at a 1.5Msps conversion rate.
SCK Serial Data Clock Input
In SDR mode (SDR/DDR Pin 23 = GND), the falling edge
of this clock shifts the conversion result MSB first onto
the SDO pins. A 100MHz external clock must be applied at
Figure 17. Power Supply Current of the LTC2320-12
Versus Sampling Rate
VDD = 5V
VDD = 3.3V
SAMPLE FREQUENCY (Msps)
0
0.3
0.6
0.9
1.2
1.5
19
21
23
25
27
29
31
33
232012 F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com