Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology LTC2602 Datasheet HTML 27Page - Linear Technology LTC2602 Datasheet HTML 28Page - Linear Technology LTC2602 Datasheet HTML 29Page - Linear Technology LTC2602 Datasheet HTML 30Page - Linear Technology LTC2602 Datasheet HTML 31Page - Linear Technology LTC2602 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC2320-12
30
Rev B
For more information www.analog.com
PACKAGE DESCRIPTION
7.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 TOP MARK
(SEE NOTE 6)
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45°C
CHAMFER
0.40
±0.10
52
51
1
2
BOTTOM VIEW—EXPOSED PAD
TOP VIEW
SIDE VIEW
6.50 REF
(2 SIDES)
8.00
±0.10
(2 SIDES)
5.50 REF
(2 SIDES)
0.75
±0.05
0.75
±0.05
R = 0.115
TYP
R = 0.10
TYP
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
6.45
±0.10
5.41
±0.10
0.00 – 0.05
(UKG52) QFN REV Ø 0306
5.50 REF
(2 SIDES)
5.41
±0.05
6.45
±0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
6.10
±0.05
7.50
±0.05
6.50 REF
(2 SIDES)
7.10
±0.05 8.50 ±0.05
0.25
±0.05
0.50 BSC
PACKAGE OUTLINE
UKG Package
52-Lead Plastic QFN (7mm
× 8mm)
(Reference LTC DWG # 05-08-1729 Rev Ø)
Please refer to http://www.linear.com/product/LTC2320-12#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com