Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC2320-12
17
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
OVERVIEW
The LTC2320-12 is a low noise, high speed 12-bit succes-
sive approximation register (SAR) ADC with differential
inputs and a wide input common mode range. Operating
from a single 3.3V or 5V supply, the LTC2320-12 has a
4VP-P or 8VP-P differential input range, making it ideal for
applications which require a wide dynamic range. The
LTC2320-12 achieves ±0.25LSB INL typical, no missing
codes at 12 bits and 77dB SNR.
The LTC2320-12 has an onboard reference buffer and low
drift (20ppm/°C max) 4.096V temperature-compensated
reference. The LTC2320-12 also has a high speed SPI-
compatible serial interface that supports CMOS or LVDS.
The fast 1.5Msps per channel throughput with no latency
makes the LTC2320-12 ideally suited for a wide variety of
high speed applications. The LTC2320-12 dissipates only
20mWperchannel.Napandsleepmodesarealsoprovided
to reduce the power consumption of the LTC2320-12 dur-
ing inactive periods for further power savings.
CONVERTER OPERATION
The LTC2320-12 operates in two phases. During the ac-
quisition phase, the sample capacitor is connected to the
analog input pins AIN+ and AIN– to sample the differential
analoginputvoltage,asshowninFigure 3.Afallingedgeon
the CNV pin initiates a conversion. During the conversion
phase,the12-bitCDACissequencedthroughasuccessive
approximationalgorithmeffectivelycomparingthesampled
input with binary-weighted fractions of the reference volt-
age (e.g., VREFOUT/2, VREFOUT/4 … VREFOUT/32768) using
a differential comparator. At the end of conversion, a CDAC
output approximates the sampled analog input. The ADC
control logic then prepares the 12-bit digital output code
for serial transfer.
TRANSFER FUNCTION
The LTC2320-12 digitizes the full-scale voltage of 2 •
REFOUT into 213 levels, resulting in an LSB size of 1mV
withREFBUF=4.096V.Theidealtransferfunctionisshown
in Figure 2. The output data is in 2’s complement format.
When driven by fully differential inputs, the transfer func-
tion spans 213 codes. When driven by pseudo-differential
inputs, the transfer function spans 212 codes.
Figure 2. LTC2320-12 Transfer Function
Figure 3. The Equivalent Circuit for the Differential
Analog Input of the LTC2320-12
RON
15
RON
15
BIAS
VOLTAGE
232012 F03
CIN
10pF
VDD
CIN
10pF
VDD
AIN–
AIN+
INPUT VOLTAGE (V)
–REFOUT
REFOUT – 1LSB
232012 F02
0 1111 1111 1111
0 1111 1111 1110
1 1111 1111 1111
1 0000 0000 0000
1 0000 0000 0001
0 0000 0000 0000
0 0000 0000 0001
–1
LSB
1LSB =
0
1
LSB
2 • REFOUT
8192
Table 1. Code Ranges for the Analog Input Operational Modes
MODE
SPAN (VIN+ – VIN–)
MIN CODE
MAX CODE
Fully Differential
–REFOUT to +REFOUT
1 0000 0000 0000
0 1111 1111 1111
Pseudo-Differential Bipolar
–-REFOUT/2 to +REFOUT/2
1 1000 0000 0000
0 0111 1111 1111
Pseudo-Differential Unipolar
0 to REFOUT
0 0000 0000 0000
0 1111 1111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com