Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC2320-12
19
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
25
25
220pF
VREF
0V
VREF
0V
+
–
LTC2320-12
LT1818
232012 F06
SDO1
REF
REFOUT1
CLKOUT
AIN1–
AIN1+
SCK
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1µF
10µF
232012 F07
–VREF
–2048
2047
–4096
4095
VREF
DOTTED REGIONS AVAILABLE
BUT UNUSED
AIN
(AIN+ – AIN–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0
Figure 5. Pseudo-Differential Bipolar Transfer Function
232012 F05
–VREF
–2048
2047
–4096
4095
VREF
DOTTED REGIONS AVAILABLE
AIN
(AIN+ – AIN–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0
Figure 6. Pseudo-Differential Unipolar Application Circuit
Figure 7. Pseudo-Differential Unipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com