Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology LTC2602 Datasheet HTML 27Page - Linear Technology LTC2602 Datasheet HTML 28Page - Linear Technology LTC2602 Datasheet HTML 29Page - Linear Technology LTC2602 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC2320-12
26
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 19. CMOS Mode SLEEP and WAKE Using SCK
Figure 20. LVDS and CMOS Mode SLEEP and WAKE Using CNV
Figure 21. LTC2320-12 Timing Diagram
FULL POWER MODE
1
2
3
4
4.096V
4.096V
REFOUT
RECOVERY
REFOUT1 – 4
CNV
SCK
HOLD STATIC HIGH OR LOW
NAP MODE
SLEEP MODE
SDO1 – 8
WAKE ON 1ST SCK EDGE
Z
Z
Z
Z
232012 F19
tWAKE
1
2
3
4
5
4.096V
4.096V
REFOUT
RECOVERY
CNV
SCK
HOLD STATIC HIGH OR LOW
NAP MODE
SLEEP MODE
FULL POWER MODE
WAKE ON 5TH
CNV EDGE
Z
Z
Z
Z
Z
232012 F20
tWAKE
REFOUT1 – 4
SDO1 – 8
232012 F21
D15
tSCKL
tSCKH
tSCK
tCNVH
tCYC
CNV
SCK
SDO
1
15
16
CLKOUT
D14
D2
D13
tCONV
tREADOUT
D15
D0
D1
tDSCKCLKOUT
tDCNVSDOZ
tHSDO
tDCNVSDOV
HI-Z
HI-Z
tDSCKCNVH
DDR MODE TIMING
1
15
16
2
2
3
3
14
14
1
2
3
D15
14
15
16
tSCKL
tSCKH
tSCK
tCNVH
tCYC
CNV
SCK
SDO
1
2
3
14
15
16
CLKOUT
D14
D2
D13
tCONV
tREADOUT
D15
D0
D1
tDSCKCLKOUT
tDCNVSDOZ
tHSDO
tDCNVSDOV
HI-Z
HI-Z
tDSCKCNVH
SDR MODE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com