Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology LTC2602 Datasheet HTML 27Page - Linear Technology LTC2602 Datasheet HTML 28Page - Linear Technology LTC2602 Datasheet HTML 29Page - Linear Technology LTC2602 Datasheet HTML 30Page - Linear Technology LTC2602 Datasheet HTML 31Page - Linear Technology LTC2602 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2320-12
32
Rev B
For more information www.analog.com
ANALOG DEVICES, INC. 2017-18
D16843-0-4/18(B)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2310-16/LTC2310-14/
LTC2310-12
16-/14-/12-Bit Differential Input ADC with Wide
Input Common Mode
3.3V/5V Supply, Single-Channel, 35mW, 20ppm/°C Max Internal
Reference, Flexible Inputs, 16-Lead MSOP Package
LTC2321-16/LTC2321-14/
LTC2321-12
Dual 16-/14-/12-Bit, 2Msps/Ch, Simultaneous
Sampling ADCs
3.3V/5V Supply, 33mW/Ch, 20ppm°C Max Internal Reference,
Flexible Inputs, 4mm × 5mm QFN-28 Package
LTC2324-16/LTC2324-14/
LTC2324-12
Quad 16-/14-/12-Bit 2Msps/Ch Simultaneous
Sampling ADCs
3.3V/5V Supply, Single-Channel, 40mW, 20ppm/°C Max Internal
Reference, Flexible Inputs, 52-Lead QFN Package
LTC2370-16/LTC2368-16/
LTC2367-16/LTC2364-16
16-Bit, 2Msps/1Msps/500ksps/250ksps Serial,
Low Power ADCs
2.5V Supply, Pseudo-Differential Unipolar Input, 94dB SNR, 5V Input Range,
DGC, Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2380-16/LTC2378-16/
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps Serial,
Low Power ADCs
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
DACs
LTC2632
Dual 12-/10-/8-Bit, SPI VOUT DACs with Internal
Reference
2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode,
Rail-to-Rail Output, 8-Pin ThinSOT™ Package
LTC2602/LTC2612/
LTC2622
Dual 16-/14-/12-Bit SPI VOUT DACs with External
Reference
300μA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, 8-Lead
MSOP Package
References
LTC6655
Precision Low Drift, Low Noise Buffered Reference 5V/4.096V/3.3V/3V/2.5V/2.048V/1.25V, 2ppm/°C, 0.25ppm
Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift, Low Noise Buffered Reference 5V/4.096V/3.3V/3V/2.5V/2.048V/1.25V, 5ppm/°C, 2.1ppm
Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT1818/LT1819
400MHz, 2500V/µs, 9mA Single/Dual Operational
Amplifiers
–85dBc Distortion at 5MHz, 6nV/√Hz Input Noise Voltage, 9mA Supply
Current, Unity-Gain Stable
LT1806
325MHz, Single, Rail-to-Rail Input and Output, Low
Distortion, Low Noise Precision Op Amps
–80dBc Distortion at 5MHz, 3.5nV/√Hz Input Noise Voltage,
9mA Supply Current, Unity-Gain Stable
LT6200
165MHz, Rail-to-Rail Input and Output, 0.95nV/√Hz
Low Noise, Op Amp Family
Low Noise, Low Distortion, Unity-Gain Stable
Low Jitter Clock Timing with RF Sine Generator Using Clock Squaring/Level-Shifting Circuit and Retiming Flip-Flop
NC7SVU04P5X (× 9)
50
NC7SVUO4P5X
CONV ENABLE
MASTER_CLOCK
CONV
1k
1k
LTC2320-12
232012 TA02
SDO1 – 8
SCK
GND
CLR
NC7SV74K8X
CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
PRE
CLKOUT
CNV
CMOS/LVDS
GND
SDR/DDR
VCC
VCC
Q
D
0.1µF
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com