Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2320-12
10
Rev B
For more information www.analog.com
PIN FUNCTIONS
Pins that are the same for all digital I/O modes.
AIN6+, AIN6– (Pins 2, 1): Analog Differential Input Pins.
Full-scale range (AIN6+ – AIN6–) is ±REFOUT3 voltage.
These pins can be driven from VDD to GND.
GND (Pins 3, 7, 12, 18, 26, 32, 38, 46, 49): Ground.
These pins and exposed pad (Pin 53) must be tied directly
to a solid ground plane.
AIN5+, AIN5– (Pins 5, 4): Analog Differential Input Pins.
Full-scale range (AIN5+ – AIN5–) is ±REFOUT3 voltage.
These pins can be driven from VDD to GND.
REFOUT3 (Pin 6): Reference Buffer 3 Output. An onboard
buffer nominally outputs 4.096V to this pin. This pin is
referred to GND and should be decoupled closely to the
pin with a 10µF (X5R, 0805 size) ceramic capacitor. The
internal buffer driving this pin may be disabled by ground-
ing the REFBUFEN pin. If the buffer is disabled, an external
reference may drive this pin in the range of 1.25V to 5V.
REF (Pin 8): Common 4.096V reference output. Decouple
to GND with a 1μF low ESR ceramic capacitor. May be
overdriven with a single external reference to establish a
common reference for ADC cores 1 through 4.
REFOUT2 (Pin 9): Reference Buffer 2 Output. An onboard
buffer nominally outputs 4.096V to this pin. This pin is
referred to GND and should be decoupled closely to the
pin with a 10µF (X5R, 0805 size) ceramic capacitor. The
internal buffer driving this pin may be disabled by ground-
ing the REFBUFEN pin. If the buffer is disabled, an external
reference may drive this pin in the range of 1.25V to 5V.
AIN4+, AIN4– (Pins 11, 10): Analog Differential Input Pins.
Full-scale range (AIN4+ – AIN4–) is ±REFOUT2 voltage.
These pins can be driven from VDD to GND.
AIN3+, AIN3– (Pins 14, 13): Analog Differential Input Pins.
Full-scale range (AIN3+ – AIN3–) is ±REFOUT2 voltage.
These pins can be driven from VDD to GND.
VDD (Pins 15, 21, 44, 52): Power Supply. Bypass VDD to
GND with a 10µF ceramic capacitor and a 0.1µF ceramic
capacitor close to the part. The VDDpinsshouldbeshorted
together and driven from the same supply.
AIN2+, AIN2– (Pins 17, 16): Analog Differential Input Pins.
Full-scale range (AIN2+ – AIN2–) is ±REFOUT1 voltage.
These pins can be driven from VDD to GND.
AIN1+, AIN1– (Pins 20, 19): Analog Differential Input Pins.
Full-scale range (AIN1+ – AIN1–) is ±REFOUT1 voltage.
These pins can be driven from VDD to GND.
REFOUT1(Pin22):ReferenceBuffer1Output.Anonboard
buffer nominally outputs 4.096V to this pin. This pin is
referred to GND and should be decoupled closely to the
pin with a 10µF (X5R, 0805 size) ceramic capacitor. The
internal buffer driving this pin may be disabled by ground-
ing the REFBUFEN pin. If the buffer is disabled, an external
reference may drive this pin in the range of 1.25V to 5V.
SDR/DDR (Pin 23): Double Data Rate Input. Controls the
frequency of SCK and CLKOUT. Tie to GND for the falling
edge of SCK to shift each serial data output (Single Data
Rate, SDR). Tie to OVDD to shift serial data output on each
edge of SCK (Double Data Rate, DDR). CLKOUT will be a
delayed version of SCK for both pin states.
CNV (Pin 24): Convert Input. This pin, when high, defines
the acquisition phase. When this pin is driven low, the
conversion phase is initiated and output data is clocked
out. This input must be driven at OVDD levels with a low
jitter pulse. This pin is unaffected by the CMOS/LVDS pin.
CMOS/LVDS (Pin 25): I/O Mode Select. Ground this pin
to enable CMOS mode, tie to OVDD to enable LVDS mode.
Float this pin to enable low power LVDS mode.
OVDD (Pins 31, 37): I/O Interface Digital Power. The range
of OVDD is 1.71V to 2.63V. This supply is nominally set
to the same supply as the host interface (CMOS: 1.8V or
2.5V, LVDS: 2.5V). Bypass OVDD to GND (Pins 32 and 38)
with 0.1µF capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com