Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2320-12
12
Rev B
For more information www.analog.com
SDO7 (Pin 39): CMOS Serial Data Output for ADC Chan-
nel 7. The conversion result is shifted MSB first on each
falling edge of SCK in SDR mode and each SCK edge in
DDR mode. 13 SCK edges are required for 13-bit conver-
sion data to be read from SDO7 in SDR mode, 13 SCK
edges in DDR mode. Supplying more clocks will yield
data from subsequent channels (CH8, CH1, CH2, CH3,
CH4, CH5, CH6).
SDO8 (Pin 40): CMOS Serial Data Output for ADC Chan-
nel 8. The conversion result is shifted MSB first on each
falling edge of SCK in SDR mode and each SCK edge in
DDR mode. 13 SCK edges are required for 13-bit conver-
sion data to be read from SDO8 in SDR mode, 13 SCK
edges in DDR mode. Supplying more clocks will yield
data from subsequent channels (CH1, CH2, CH3, CH4,
CH5, CH6, CH7).
SCK (Pin 41): Serial Data Clock Input. The falling edge
of this clock shifts the conversion result MSB first onto
the SDO pins in SDR mode (DDR = LOW). In DDR mode
(SDR/DDR = HIGH) each edge of this clock shifts the
conversion result MSB first onto the SDO pins. The logic
level is determined by OVDD.
DNC (Pin 42): In CMOS mode do not connect this pin.
LVDS DATA OUTPUT OPTION (CMOS/LVDS = HIGH OR
FLOAT)
SDOA+, SDOA– (Pins 27, 28): LVDS Serial Data Output for
ADCChannels1and2.TheconversionresultisshiftedCH1
MSB first on each falling edge of SCK in SDR mode and
each SCK edge in DDR mode. 32 SCK edges are required
for 13-bit conversion data to be read from AIN1 and AIN2
on SDOA in SDR mode, 13 SCK edges in DDR mode.
Supplying more clocks will yield data from subsequent
channels (CH3, CH4, CH5, CH6, CH7, CH8).Terminate
with a 100Ω resistor at the receiver (FPGA).
SDOB+, SDOB– (Pins 29, 30): LVDS Serial Data Output for
ADCChannels3and4.TheconversionresultisshiftedCH3
MSB first on each falling edge of SCK in SDR mode and
each SCK edge in DDR mode. 32 SCK edges are required
for 13-bit conversion data to be read from AIN3 and AIN4
on SDOB in SDR mode, 13 SCK edges in DDR mode.
Supplying more clocks will yield data from subsequent
channels (CH5, CH6, CH7, CH8, CH1, CH2).Terminate
with a 100Ω resistor at the receiver (FPGA).
CLKOUT+, CLKOUT– (Pins 33, 34): Serial Data Clock
Output. CLKOUT provides a skew-matched clock to
latch the SDO output at the receiver. These pins echo the
input at SCK with a small delay. These pins must be dif-
ferentially terminated by an external 100Ω resistor at the
receiver (FPGA).
SDOC+, SDOC– (Pins 35, 36): LVDS Serial Data Output for
ADCchannels5and6.TheconversionresultisshiftedCH5
MSB first on each falling edge of SCK in SDR mode and
each SCK edge in DDR mode. 32 SCK edges are required
for 13-bit conversion data to be read from AIN5 and AIN6
on SDOA in SDR mode, 13 SCK edges in DDR mode.
Supplying more clocks will yield data from subsequent
channels (CH7, CH8, CH1, CH2, CH3, CH4).Terminate
with a 100Ω resistor at the receiver (FPGA).
SDOD+, SDOD– (Pins 39, 40): LVDS Serial Data Output
for ADC Channels 7 and 8. The conversion result is shifted
CH7 MSB first on each falling edge of SCK in SDR mode
and each SCK edge in DDR mode. 32 SCK edges are re-
quired for 13-bit conversion data to be read from AIN7 and
AIN8 on SDOA in SDR mode, 13 SCK edges in DDR mode.
Supplying more clocks will yield data from subsequent
channels (CH1, CH2, CH3, CH4, CH5, CH6).Terminate
with a 100Ω resistor at the receiver (FPGA).
SCK+, SCK– (Pins 41, 42): Serial Data Clock Input. The
falling edge of this clock shifts the conversion result MSB
first onto the SDO pins in SDR mode (SDR/DDR = LOW).
In DDR mode (SDR/DDR = HIGH) each edge of this clock
shifts the conversion result MSB first onto the SDO pins.
These pins must be differentially terminated by an external
100Ω resistor at the receiver (ADC).
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com