Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 165Page - Texas Instruments AM3351 Datasheet HTML 166Page - Texas Instruments AM3351 Datasheet HTML 167Page - Texas Instruments AM3351 Datasheet HTML 168Page - Texas Instruments AM3351 Datasheet HTML 169Page - Texas Instruments AM3351 Datasheet HTML 170Page - Texas Instruments AM3351 Datasheet HTML 171Page - Texas Instruments AM3351 Datasheet HTML 172Page - Texas Instruments AM3351 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 252 page
background image
169
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
Table 7-55. DQS[x] and DQ[x] Routing Specification(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center DQS[x] spacing
2w
2
DQS[x] differential pair skew length mismatch(2)
25
mils
3
Center-to-center DDR_DQS[x] to other DDR2 trace spacing(3)
4w
4
DQS[x] and DQ[x] nominal trace length(4)
DQLM-50
DQLM
DQLM+50
mils
5
DQ[x]-to-DQS[x] skew length mismatch(4)
100
mils
6
DQ[x]-to-DQ[x] skew length mismatch(4)
100
mils
7
Center-to-center DQ[x] to other DDR2 trace spacing(3)(5)
4w
8
Center-to-center DQ[x] to other DQ[x] trace spacing(3)(6)
3w
(1) DQS[x] represents the DQS0 and DQS1 clock net classes, and DQ[x] represents the DQ0 and DQ1 signal net classes.
(2) Differential impedance should be Zo x 2, where Zo is the single-ended impedance defined in Table 7-46.
(3) Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(4) There is no requirement for skew matching between data bytes; that is, from net classes DQS0 and DQ0 to net classes DQS1 and DQ1.
(5) Signals from one DQ net class should be considered other DDR2 traces to another DQ net class.
(6) DQLM is the longest Manhattan distance of each of the DQS[x] and DQ[x] net classes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com