Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 166Page - Texas Instruments AM3351 Datasheet HTML 167Page - Texas Instruments AM3351 Datasheet HTML 168Page - Texas Instruments AM3351 Datasheet HTML 169Page - Texas Instruments AM3351 Datasheet HTML 170Page - Texas Instruments AM3351 Datasheet HTML 171Page - Texas Instruments AM3351 Datasheet HTML 172Page - Texas Instruments AM3351 Datasheet HTML 173Page - Texas Instruments AM3351 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 252 page
background image
DDR_CK
1
DDR_CKn
170
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.7.2.3
DDR3 and DDR3L Routing Guidelines
NOTE
All references to DDR3 in this section apply to DDR3 and DDR3L devices, unless otherwise
noted.
7.7.2.3.1 Board Designs
TI only supports board designs using DDR3 memory that follow the guidelines in this document. The
switching characteristics and timing diagram for the DDR3 memory interface are shown in Table 7-56 and
Figure 7-46.
Table 7-56. Switching Characteristics for DDR3 Memory Interface
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(DDR_CK)
tc(DDR_CKn)
Cycle time, DDR_CK and DDR_CKn
2.5
3.3(1)
ns
(1)
Two DDR3 devices are mirrored when one device is placed on the top of the board and the second device is placed on the bottom of
the board.
(1) The JEDEC JESD79-3F Standard defines the maximum clock period of 3.3 ns for all standard-speed bin DDR3 and DDR3L memory
devices. Therefore, all standard-speed bin DDR3 and DDR3L memory devices are required to operate at 303 MHz.
Figure 7-46. DDR3 Memory Interface Clock Timing
7.7.2.3.1.1 DDR3 versus DDR2
This specification only covers AM335x PCB designs that use DDR3 memory. Designs using DDR2
memory should use the DDR2 routing guidleines described in Section 7.7.2.2. While similar, the two
memory systems have different requirements. It is currently not possible to design one PCB that meets
the requirements of both DDR2 and DDR3.
7.7.2.3.2 DDR3 Device Combinations
Because there are several possible combinations of device counts and single-side or dual-side mounting,
Table 7-57 summarizes the supported device configurations.
Table 7-57. Supported DDR3 Device Combinations
NUMBER OF DDR3 DEVICES
DDR3 DEVICE WIDTH (BITS)
MIRRORED?
DDR3 EMIF WIDTH (BITS)
1
16
N
16
2
8
Y(1)
16
7.7.2.3.3 DDR3 Interface
This section provides the timing specification for the DDR3 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable DDR3 memory system without the need
for a complex timing closure process. For more information regarding the guidelines for using this DDR3
specification, see Understanding TI's PCB Routing Rule-Based DDR Timing Specification. This application
report provides generic guidelines and approach. All the specifications provided in the data manual take
precedence over the generic guidelines and must be adhered to for a reliable DDR3 interface operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com