Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 188Page - Texas Instruments AM3351 Datasheet HTML 189Page - Texas Instruments AM3351 Datasheet HTML 190Page - Texas Instruments AM3351 Datasheet HTML 191Page - Texas Instruments AM3351 Datasheet HTML 192Page - Texas Instruments AM3351 Datasheet HTML 193Page - Texas Instruments AM3351 Datasheet HTML 194Page - Texas Instruments AM3351 Datasheet HTML 195Page - Texas Instruments AM3351 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 252 page
background image
192
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.10 LCD Controller (LCDC)
The LCDC consists of two independent controllers, the raster controller and the LCD interface display
driver (LIDD) controller. Each controller operates independently from the other and only one of them is
active at any given time.
•
The raster controller handles the synchronous LCD interface. It provides timing and data for constant
graphics refresh to a passive display. It supports a wide variety of monochrome and full-color display
types and sizes by use of programmable timing controls, a built-in palette, and a gray-scale and
serializer. Graphics data is processed and stored in frame buffers. A frame buffer is a contiguous
memory block in the system. A built-in DMA engine supplies the graphics data to the raster engine
which, in turn, outputs to the external LCD device.
•
The LIDD controller supports the asynchronous LCD interface. It provides full-timing programmability of
control signals (CS, WE, OE, ALE) and output data.
The maximum resolution for the LCD controller is 2048 × 2048 pixels. The maximum frame rate is
determined by the image size in combination with the pixel clock rate.
Table 7-73. LCD Controller Timing Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Output Condition
CLOAD
Output load capacitance
LIDD mode
5
60
pF
Raster mode
3
30
7.10.1 LCD Interface Display Driver (LIDD Mode)
Table 7-74. Timing Requirements for LCD LIDD Mode
(see Figure 7-72 through Figure 7-80)
NO.
OPP100
UNIT
MIN
MAX
16
tsu(LCD_DATA-LCD_MEMORY_CLK)
Setup time, LCD_DATA[15:0] valid before
LCD_MEMORY_CLK high
18
ns
17
th(LCD_MEMORY_CLK-LCD_DATA)
Hold time, LCD_DATA[15:0] valid after
LCD_MEMORY_CLK high
0
ns
18
tt(LCD_DATA)
Transition time, LCD_DATA[15:0]
1
3
ns
Table 7-75. Switching Characteristics for LCD LIDD Mode
(see Figure 7-72 through Figure 7-80)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
1
tc(LCD_MEMORY_CLK)
Cycle time, LCD_MEMORY_CLK
23.7
ns
2
tw(LCD_MEMORY_CLKH)
Pulse duration, LCD_MEMORY_CLK high
0.45tc
0.55tc
ns
3
tw(LCD_MEMORY_CLKL)
Pulse duration, LCD_MEMORY_CLK low
0.45tc
0.55tc
ns
4
td(LCD_MEMORY_CLK-LCD_DATAV)
Delay time, LCD_MEMORY_CLK high to
LCD_DATA[15:0] valid (write)
7
ns
5
td(LCD_MEMORY_CLK-LCD_DATAI)
Delay time, LCD_MEMORY_CLK high to
LCD_DATA[15:0] invalid (write)
0
ns
6
td(LCD_MEMORY_CLK-LCD_AC_BIAS_EN)
Delay time, LCD_MEMORY_CLK high to
LCD_AC_BIAS_EN
0
6.8
ns
7
tt(LCD_AC_BIAS_EN)
Transition time, LCD_AC_BIAS_EN
1
10
ns
8
td(LCD_MEMORY_CLK-LCD_VSYNC)
Delay time, LCD_MEMORY_CLK high to
LCD_VSYNC
0
7
ns
9
tt(LCD_VSYNC)
Transition time, LCD_VSYNC
1
10
ns
10
td(LCD_MEMORY_CLK-LCD_HYSNC)
Delay time, LCD_MEMORY_CLK high to
LCD_HSYNC
0
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com