Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 190 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 186Page - Texas Instruments AM3351 Datasheet HTML 187Page - Texas Instruments AM3351 Datasheet HTML 188Page - Texas Instruments AM3351 Datasheet HTML 189Page - Texas Instruments AM3351 Datasheet HTML 190Page - Texas Instruments AM3351 Datasheet HTML 191Page - Texas Instruments AM3351 Datasheet HTML 192Page - Texas Instruments AM3351 Datasheet HTML 193Page - Texas Instruments AM3351 Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 252 page
background image
24
22
18
17
21
26
19
20
16
17
27
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
15
25
23
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
1
11
9
190
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 7-68. I2C Receive Timing
Table 7-70. Switching Characteristics for I2C Output Timings
(see Figure 7-69)
NO.
PARAMETER
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
15
tc(SCL)
Cycle time, SCL
10
2.5
µs
16
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a repeated
START condition)
4.7
0.6
µs
17
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START and a
repeated START condition)
4
0.6
µs
18
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
19
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
20
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100
ns
21
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
0
3.45
0
0.9
µs
22
tw(SDAH)
Pulse duration, SDA high between STOP and START
conditions
4.7
1.3
µs
23
tr(SDA)
Rise time, SDA
1000
300
ns
24
tr(SCL)
Rise time, SCL
1000
300
ns
25
tf(SDA)
Fall time, SDA
300
300
ns
26
tf(SCL)
Fall time, SCL
300
300
ns
27
tsu(SCLH-SDAH)
Setup time, high before SDA high (for STOP condition)
4
0.6
µs
Figure 7-69. I2C Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com