Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 185Page - Texas Instruments AM3351 Datasheet HTML 186Page - Texas Instruments AM3351 Datasheet HTML 187Page - Texas Instruments AM3351 Datasheet HTML 188Page - Texas Instruments AM3351 Datasheet HTML 189Page - Texas Instruments AM3351 Datasheet HTML 190Page - Texas Instruments AM3351 Datasheet HTML 191Page - Texas Instruments AM3351 Datasheet HTML 192Page - Texas Instruments AM3351 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 252 page
background image
189
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.8
I
2C
For more information, see the Inter-Integrated Circuit (I2C) section of the AM335x and AMIC110 Sitara
Processors Technical Reference Manual.
7.8.1
I
2C Electrical Data and Timing
Table 7-68. I2C Timing Conditions – Slave Mode
PARAMETER
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
Output Condition
Cb
Capacitive load for each bus line
400
400
pF
Table 7-69. Timing Requirements for I2C Input Timings
(see Figure 7-68)
NO.
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, SCL
10
2.5
µs
2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a repeated
START condition)
4.7
0.6
µs
3
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START and a
repeated START condition)
4
0.6
µs
4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
5
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100(1)
ns
7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
0(2)
3.45(3)
0(2)
0.9(3)
µs
8
tw(SDAH)
Pulse duration, SDA high between STOP and START
conditions
4.7
1.3
µs
9
tr(SDA)
Rise time, SDA
1000
300
ns
10
tr(SCL)
Rise time, SCL
1000
300
ns
11
tf(SDA)
Fall time, SDA
300
300
ns
12
tf(SCL)
Fall time, SCL
300
300
ns
13
tsu(SCLH-SDAH)
Setup time, high before SDA high (for STOP condition)
4
0.6
µs
14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
0
50
ns
(1) A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device stretches the LOW
period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH) = 1000 + 250 = 1250 ns (according to the
standard-mode I2C-Bus Specification) before the SCL line is released.
(2) A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(3) The maximum th(SDA-SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com