Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 186 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 182Page - Texas Instruments AM3351 Datasheet HTML 183Page - Texas Instruments AM3351 Datasheet HTML 184Page - Texas Instruments AM3351 Datasheet HTML 185Page - Texas Instruments AM3351 Datasheet HTML 186Page - Texas Instruments AM3351 Datasheet HTML 187Page - Texas Instruments AM3351 Datasheet HTML 188Page - Texas Instruments AM3351 Datasheet HTML 189Page - Texas Instruments AM3351 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 252 page
background image
=
Rtt
A2
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
186
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.7.2.3.6 Routing Specification
7.7.2.3.6.1 CK and ADDR_CTRL Routing Specification
Skew within the CK and ADDR_CTRL net classes directly reduces setup and hold margin and, thus, this
skew must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter
traces up to the length of the longest net in the net class and its associated clock. A metric to establish
this maximum length is Manhattan distance. The Manhattan distance between two points on a PCB is the
length between the points when connecting them only with horizontal or vertical segments. A reasonable
trace route length is to within a percentage of its Manhattan distance. CACLM is defined as Clock Address
Control Longest Manhattan distance.
Given the clock and address pin locations on the AM335x device and the DDR3 memories, the maximum
possible Manhattan distance can be determined given the placement. Figure 7-66 shows this distance for
two loads. The specifications on the lengths of the transmission lines for the address bus are determined
from this distance. CACLM is determined similarly for other address bus configurations; that is, it is based
on the longest net of the CK and ADDR_CTRL net class. For CK and ADDR_CTRL routing, these
specifications are contained in Table 7-66.
A.
It is very likely that the longest CK and ADDR_CTRL Manhattan distance will be for Address Input 8 (A8) on the
DDR3 memories. CACLM is based on the longest Manhattan distance due to the device placement. Verify the net
class that satisfies this criteria and use as the baseline for CK and ADDR_CTRL skew matching and length control.
The length of shorter CK and ADDR_CTRL stubs as well as the length of the terminator stub are not included in this
length calculation. Nonincluded lengths are grayed out in the figure.
Assuming A8 is the longest, CALM = CACLMY + CACLMX + 300 mils.
The extra 300 mils allows for routing down lower than the DDR3 memories and returning up to reach A8.
Figure 7-66. CACLM for Two Address Loads on One Side of PCB
Table 7-66. CK and ADDR_CTRL Routing Specification(1)(2)(3)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
A1 + A2 length
2500
mils
2
A1 + A2 skew
25
mils
3
A3 length
660
mils
4
A3 skew(4)
25
mils
5
A3 skew(5)
125
mils
6
AS length
100
mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com