Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 12Page - Texas Instruments DLP470TP Datasheet HTML 13Page - Texas Instruments DLP470TP Datasheet HTML 14Page - Texas Instruments DLP470TP Datasheet HTML 15Page - Texas Instruments DLP470TP Datasheet HTML 16Page - Texas Instruments DLP470TP Datasheet HTML 17Page - Texas Instruments DLP470TP Datasheet HTML 18Page - Texas Instruments DLP470TP Datasheet HTML 19Page - Texas Instruments DLP470TP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
DLP470TP
DLPS105A – JANUARY 2018 – REVISED MAY 2018
www.ti.com
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Figure 3 for rise time and fall time for SCP.
(2)
See Figure 5 for timing requirements for LVDS.
(3)
Channel A (Bus A) includes the following LVDS pairs: DCLK_AN and DCLK_AP, SCTRL_AN and SCTRL_AP, D_AN(15:0), and
D_AP(15:0).
(4)
Channel B (Bus B) includes the following LVDS pairs: DCLK_BN and DCLK_BP, SCTRL_BN and SCTRL_BP, D_BN(15:0), and
D_BP(15:0).
(5)
Channel C (Bus C) includes the following LVDS pairs: DCLK_CN and DCLK_CP, SCTRL_CN and SCTRL_CP, D_CN(15:0), and
D_CP(15:0).
(6)
Channel D (Bus D) includes the following LVDS pairs: DCLK_DN and DCLK_DP, SCTRL_DN and SCTRL_DP, D_DN(15:0), and
D_DP(15:0).
6.8 Timing Requirements
MIN
NOM
MAX
UNIT
SCP(1)
tr
Rise slew rate
20% to 80% reference points
1
3
V/ns
tf
Fall slew rate
80% to 20% reference points
1
3
V/ns
LVDS(2)
tr
Rise slew rate
20% to 80% reference points
0.7
1
V/ns
tf
Fall slew rate
80% to 20% reference points
0.7
1
V/ns
tC
Clock cycle
DCLK_A, LVDS pair
2.5
ns
DCLK_B, LVDS pair
2.5
ns
DCLK_C, LVDS pair
2.5
ns
DCLK_D, LVDS pair
2.5
ns
tW
Pulse duration
DCLK_A LVDS pair
1.19
1.25
ns
DCLK_B LVDS pair
1.19
1.25
ns
DCLK_C LVDS pair
1.19
1.25
ns
DCLK_D LVDS pair
1.19
1.25
ns
tSu
Setup time
D_A(15:0) before DCLK_A, LVDS pair
0.275
ns
D_B(15:0) before DCLK_B, LVDS pair
0.275
ns
D_C(15:0) before DCLK_C, LVDS pair
0.275
ns
D_D(15:0) before DCLK_D, LVDS pair
0.275
ns
SCTRL_A before DCLK_A, LVDS pair
0.275
ns
SCTRL_B before DCLK_B, LVDS pair
0.275
ns
SCTRL_C before DCLK_C, LVDS pair
0.275
ns
SCTRL_D before DCLK_D, LVDS pair
0.275
ns
th
Hold time
D_A(15:0) after DCLK_A, LVDS pair
0.195
ns
D_B(15:0) after DCLK_B, LVDS pair
0.195
ns
D_C(15:0) after DCLK_C, LVDS pair
0.195
ns
D_D(15:0) after DCLK_D, LVDS pair
0.195
ns
SCTRL_A after DCLK_A, LVDS pair
0.195
ns
SCTRL_B after DCLK_B, LVDS pair
0.195
ns
SCTRL_C after DCLK_C, LVDS pair
0.195
ns
SCTRL_D after DCLK_D, LVDS pair
0.195
ns
LVDS(2)
tSKEW
Skew time
Channel B relative to channel A(3)(4), LVDS pair
–1.25
1.25
ns
tSKEW
Skew time
Channel D relative to channel C(5)(6), LVDS pair
–1.25
1.25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com