Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 9Page - Texas Instruments DLP470TP Datasheet HTML 10Page - Texas Instruments DLP470TP Datasheet HTML 11Page - Texas Instruments DLP470TP Datasheet HTML 12Page - Texas Instruments DLP470TP Datasheet HTML 13Page - Texas Instruments DLP470TP Datasheet HTML 14Page - Texas Instruments DLP470TP Datasheet HTML 15Page - Texas Instruments DLP470TP Datasheet HTML 16Page - Texas Instruments DLP470TP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
DLP470TP
www.ti.com
DLPS105A – JANUARY 2018 – REVISED MAY 2018
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted). The functional performance of the device specified in this
data sheet is achieved when operating the device within the limits defined by this table. No level of performance is implied
when operating the device above or below these limits.
MIN
NOM
MAX
UNIT
(9)
See LVDS timing requirements in Timing Requirements and Figure 6.
(10) See Figure 5 LVDS waveform requirements.
(11) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination reduces
device lifetime.
(12) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 10 and the package thermal resistance using the Micromirror Array Temperature Calculation.
(13) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. See Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty cycle.
(14) Long-term is defined as the useful life of the device.
(15) Short-term is the total cumulative time over the useful life of the device.
(16) The locations of thermal test points TP2, TP3, TP4, and TP5 shown in Figure 10 are intended to measure the highest window edge
temperature. For most applications, the locations shown are representative of the highest window edge temperature. If a particular
application causes additional points on the window edge to be at a higher temperature, test points should be added to those locations.
(17) The maximum marginal ray angle of the incoming illumination light at any point in the micromirror array, including pond of micromirrors
(POM), should not exceed 55 degrees from the normal to the device array plane. The device window aperture has not necessarily been
designed to allow incoming light at higher maximum angles to pass to the micromirrors, and the device performance has not been tested
nor qualified at angles exceeding this. Illumination light exceeding this angle outside the micromirror array (including POM) will
contribute to thermal limitations described in this document, and may negatively affect lifetime.
(18) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 10. The window test points TP2, TP3, TP4, and TP5 shown in Figure 10 are intended to result in the worst case delta
temperature. If a particular application causes another point on the window edge to result in a larger delta in temperature, that point
should be used.
(19) The average over time (including storage and operating) that the device is not in the ‘elevated dew point temperature range'.
(20) Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total
cumulative time of CTELR.
LVDS INTERFACE
ƒCLOCK
Clock frequency for LVDS interface (all channels), DCLK(9)
400
MHz
|VID|
Input differential voltage (absolute value)(10)
150
300
440
mV
VCM
Common mode voltage(10)
1100
1200
1300
mV
VLVDS
LVDS voltage(10)
880
1520
mV
tLVDS_RSTZ
Time required for LVDS receivers to recover from PWRDNZ
2000
ns
ZIN
Internal differential termination resistance
80
100
120
Ω
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
ENVIRONMENTAL
TARRAY
Array temperature, long–term operational(11)(12)(13)(14)
0
40 to 70(13)
°C
Array temperature, short–term operational, 25 hr max(12)(15)
–20
–10
°C
Array temperature, short–term operational, 500 hr max(12)(15)
–10
0
°C
Array temperature, short–term operational, 500 hr max(12)(15)
70
75
°C
TWINDOW
Window temperature – operational(16)(17)
85
°C
|TDELTA|
Absolute temperature delta between any point on the window edge and
the ceramic test point TP1(18)
14
°C
TDP -AVG
Average dew point temperature (non–condensing)(19)
24
°C
TDP-ELR
Elevated dew point temperature range (non-condensing)(20)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
6
months
ILLUV
Illumination wavelengths < 400 nm(11)
0.68
2.00
mW/cm2
ILLVIS
Illumination wavelengths between 400 nm and 700 nm
Thermally limited
mW/cm2
ILLIR
Illumination wavelengths > 700 nm
10
mW/cm2
ILLθ
Illumination marginal ray angle(17)
55
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com