Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 17Page - Texas Instruments DLP470TP Datasheet HTML 18Page - Texas Instruments DLP470TP Datasheet HTML 19Page - Texas Instruments DLP470TP Datasheet HTML 20Page - Texas Instruments DLP470TP Datasheet HTML 21Page - Texas Instruments DLP470TP Datasheet HTML 22Page - Texas Instruments DLP470TP Datasheet HTML 23Page - Texas Instruments DLP470TP Datasheet HTML 24Page - Texas Instruments DLP470TP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
N ± 1
0
1
2
Active Micromirror Array
3
N ± 4
N ± 2
N ± 3
M x P
N x P
M x N Micromirrors
P
P
P
Pond Of Micromirrors (POM) omitted for clarity.
Not to scale.
P
Details omitted for clarity.
Off-State
Light Path
Incident
Illumination
Light Path
21
DLP470TP
www.ti.com
DLPS105A – JANUARY 2018 – REVISED MAY 2018
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Figure 8.
(2)
The fast switching speed of the DMD micromirrors combined with advanced DLP image processing algorithms enables each micromirror
to display four distinct pixels on the screen during every frame, resulting in a full 3840 × 2160 pixel image being displayed.
(3)
The structure and qualities of the border around the active array includes a band of partially functional micromirrors referred to as the
Pond Of Micromirrors (POM). These micromirrors are structurally and/or electrically prevented from tilting toward the bright or ON state
but still require an electrical bias to tilt toward the OFF state.
6.10 Micromirror Array Physical Characteristics
Table 2. Micromirror Array Physical Characteristics
PARAMETER DESCRIPTION
VALUE
UNIT
Number of active columns (1)(2)
M
1920
micromirrors
Number of active rows (1)(2)
N
1080
micromirrors
Micromirror (pixel) pitch (1)
P
5.4
µm
Micromirror active array width (1)
Micromirror pitch × number of active columns
10.368
mm
Micromirror active array height (1)
Micromirror pitch × number of active rows
5.832
mm
Micromirror active border (3)
Pond of micromirrors (POM)
20
micromirrors/side
Figure 8. Micromirror Array Physical Characteristics
Refer to section Micromirror Array Physical Characteristics table for M, N, and P specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com