Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 2 Page - Texas Instruments

  DLP470TP Datasheet HTML 1Page - Texas Instruments DLP470TP Datasheet HTML 2Page - Texas Instruments DLP470TP Datasheet HTML 3Page - Texas Instruments DLP470TP Datasheet HTML 4Page - Texas Instruments DLP470TP Datasheet HTML 5Page - Texas Instruments DLP470TP Datasheet HTML 6Page - Texas Instruments DLP470TP Datasheet HTML 7Page - Texas Instruments DLP470TP Datasheet HTML 8Page - Texas Instruments DLP470TP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
DLP470TP
DLPS105A – JANUARY 2018 – REVISED MAY 2018
www.ti.com
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications....................................................... 10
6.1
Absolute Maximum Ratings .................................... 10
6.2
Storage Conditions.................................................. 10
6.3
ESD Ratings............................................................ 11
6.4
Recommended Operating Conditions ..................... 11
6.5
Thermal Information ................................................ 14
6.6
Electrical Characteristics......................................... 15
6.7
Capacitance at Recommended Operating
Conditions ................................................................ 15
6.8
Timing Requirements .............................................. 16
6.9
System Mounting Interface Loads .......................... 20
6.10
Micromirror Array Physical Characteristics ........... 21
6.11
Micromirror Array Optical Characteristics ............. 22
6.12
Window Characteristics......................................... 24
6.13
Chipset Component Usage Specification ............. 24
7
Detailed Description ............................................ 25
7.1
Overview ................................................................. 25
7.2
Functional Block Diagram ....................................... 25
7.3
Feature Description................................................. 26
7.4
Device Functional Modes........................................ 26
7.5
Optical Interface and System Image Quality
Considerations ......................................................... 26
7.6
Micromirror Array Temperature Calculation............ 27
7.7
Micromirror Landed-On/Landed-Off Duty Cycle ..... 29
8
Application and Implementation ........................ 32
8.1
Application Information............................................ 32
8.2
Typical Application ................................................. 32
9
Power Supply Recommendations ...................... 35
9.1
DMD Power Supply Power-Up Procedure .............. 35
9.2
DMD Power Supply Power-Down Procedure ......... 35
10
Layout................................................................... 37
10.1
Layout Guidelines ................................................. 37
10.2
Layout Example .................................................... 37
11
Device and Documentation Support ................. 39
11.1
Device Support...................................................... 39
11.2
Documentation Support ....................................... 40
11.3
Receiving Notification of Documentation Updates 40
11.4
Community Resources.......................................... 40
11.5
Trademarks ........................................................... 40
11.6
Electrostatic Discharge Caution ............................ 40
12
Mechanical, Packaging, and Orderable
Information ........................................................... 41
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (January 2018) to Revision A
Page
•
Added tablenote describing the effects that DMD micromirror switching speed and DLP image processing
algorithms have on the micromirror pixel display in Table 2 ................................................................................................ 21
•
Added description of the effects that DMD micromirror switching speed and DLP image processing algorithms have
on the micromirror pixel display in Detailed Description....................................................................................................... 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com