Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 32Page - Texas Instruments DLP470TP Datasheet HTML 33Page - Texas Instruments DLP470TP Datasheet HTML 34Page - Texas Instruments DLP470TP Datasheet HTML 35Page - Texas Instruments DLP470TP Datasheet HTML 36Page - Texas Instruments DLP470TP Datasheet HTML 37Page - Texas Instruments DLP470TP Datasheet HTML 38Page - Texas Instruments DLP470TP Datasheet HTML 39Page - Texas Instruments DLP470TP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
VCC
VOFFSET
VRESET
RESET_OEZ
PG_OFFSET
EN_OFFSET
PWRDNZ
and RESETZ
VBIAS
Note 5
Note 8
Note 7
Note 6
Not to scale. Details omitted for clarity
Note 1
Note 4
Delay 1
Note 2
ûV < Specification
Note 3
ûV < Specification
Note 9
Delay 2
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
36
DLP470TP
DLPS105A – JANUARY 2018 – REVISED MAY 2018
www.ti.com
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Recommended Operating Conditions and the pin functions table.
(2)
To prevent excess current, the supply voltage difference |VOFFSET – VBIAS| must be less than the specified limit in
Recommended Operating Conditions.
(3)
To prevent excess current, the supply difference |VBIAS – VRESET| must be less than the specified limit in the
Recommended Operating Conditions.
(4)
VBIAS should power up after VOFFSET has powered up, per the Delay1 specification in Table 8.
(5)
PG_OFFSET should turn off after EN_OFFSET has turned off, per the Delay2 specification in Table 8.
(6)
DLP controller software enables the DMD power supplies to turn on after RESET_OEZ is at logic high.
(7)
DLP controller software initiates the global VBIAS command.
(8)
After the DMD micromirror park sequence is complete, the DLP controller software initiates a hardware power-down
that activates PWRDNZ and disables VBIAS, VRESET and VOFFSET.
(9)
Under power-loss conditions where emergency DMD micromirror park procedures are being enacted by the DLP
controller hardware, EN_OFFSET may turn off after PG_OFFSET has turned off. The OEZ signal goes high prior to
PG_OFFSET turning off to indicate the DMD micromirror has completed the emergency park procedures.
Figure 14. DMD Power Supply Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com