Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 46 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 40Page - Texas Instruments DLP470TP Datasheet HTML 41Page - Texas Instruments DLP470TP Datasheet HTML 42Page - Texas Instruments DLP470TP Datasheet HTML 43Page - Texas Instruments DLP470TP Datasheet HTML 44Page - Texas Instruments DLP470TP Datasheet HTML 45Page - Texas Instruments DLP470TP Datasheet HTML 46Page - Texas Instruments DLP470TP Datasheet HTML 47Page - Texas Instruments DLP470TP Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
VIEW E
WINDOW AND ACTIVE ARRAY
(FROM SHEET 1)
DETAIL F
APERTURE TOP EDGE
SCALE 60 : 1
DETAIL G
APERTURE BOTTOM EDGE
SCALE 60 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2515301
4
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
INSTRUMENTS
Dallas Texas
TEXAS
DRAWN
2515301
4
5
D
D
B. HASKETT
11/14/2016
G
F
(17.96) WINDOW
(5.832)
ACTIVE ARRAY
3.405
0.05
14.555
0.05
(8.998)
APERTURE
8.443
0.0635
0.555
0.0635
(11.336)
WINDOW
9.666
0.05
1.67
0.05
(10.368)
ACTIVE ARRAY
(ILLUMINATION
DIRECTION)
(OFF-STATE
DIRECTION)
1.5
C
7.354
0.075
3
(0.108)
4X
2.5
B
3.998
0.075
2
11.604
0.0635
1.454
±0.0635
(13.058) APERTURE
(42°) TYP.
(0.075) TYP.
(0.068) TYP.
(0.15) TYP.
(42°) TYP.
(42°) TYP.
(0.068) TYP.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com