Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 35Page - Texas Instruments DLP470TP Datasheet HTML 36Page - Texas Instruments DLP470TP Datasheet HTML 37Page - Texas Instruments DLP470TP Datasheet HTML 38Page - Texas Instruments DLP470TP Datasheet HTML 39Page - Texas Instruments DLP470TP Datasheet HTML 40Page - Texas Instruments DLP470TP Datasheet HTML 41Page - Texas Instruments DLP470TP Datasheet HTML 42Page - Texas Instruments DLP470TP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Two-Dimensional Matrix Code
(Part Number and Lot Trace Code)
Lot Trace Code
DMD Part Number
DLP470TP FQN
Package Type
Device Descriptor
39
DLP470TP
www.ti.com
DLPS105A – JANUARY 2018 – REVISED MAY 2018
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Device Nomenclature
Figure 15. Part Number Description
11.1.2 Device Markings
The device marking includes both human-readable information and a 2-dimensional matrix code. The human-
readable information is described in Figure 16 and includes the legible character string GHJJJJK 1910-50BBM.
GHJJJJK is the lot trace code and 1910-50BBM is the device marking.
Example: GHJJJJK 1910-50BBM
Figure 16. DMD Marking Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com