Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 39Page - Texas Instruments DLP470TP Datasheet HTML 40Page - Texas Instruments DLP470TP Datasheet HTML 41Page - Texas Instruments DLP470TP Datasheet HTML 42Page - Texas Instruments DLP470TP Datasheet HTML 43Page - Texas Instruments DLP470TP Datasheet HTML 44Page - Texas Instruments DLP470TP Datasheet HTML 45Page - Texas Instruments DLP470TP Datasheet HTML 46Page - Texas Instruments DLP470TP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
SECTION A-A
(ROTATED 90°)
DETAIL B
V-NOTCH
SCALE 30 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2515301
1
TITLE
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
ENGINEER
QA/CE
CM
APPROVED
DRAWN
INSTRUMENTS
Dallas Texas
APPLICATION
NEXT ASSY
USED ON
THIRD ANGLE
PROJECTION
TEXAS
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES:
ANGLES
1
2 PLACE DECIMALS
0.25
1 PLACE DECIMALS
0.50
DIMENSIONAL LIMITS APPLY BEFORE PROCESSES
INTERPRET DIMENSIONS IN ACCORDANCE WITH ASME
Y14.5M-1994
REMOVE ALL BURRS AND SHARP EDGES
PARENTHETICAL INFORMATION FOR REFERENCE ONLY
ICD, MECHANICAL, DMD,
.47 4K SERIES 316
(FQN PACKAGE)
2515301
1
5
D
D
11/14/2016
15:1
P. KONRAD
S. SUSI
R. LONG
11/14/2016
11/15/2016
11/16/2016
11/14/2016
0314DA
B. HASKETT
NOTES UNLESS OTHERWISE SPECIFIED:
REVISIONS
COPYRIGHT 2016 TEXAS INSTRUMENTS
UN-PUBLISHED, ALL RIGHTS RESERVED.
C
B. HASKETT
M. DORAK
11/17/2016
A
A
H
H
REV
DESCRIPTION
DATE
BY
A
ECO 2162276: INITIAL RELEASE
11/14/2016
BMH
B
ECO 2167828: CORRECT BACK SIDE MARKING; WAS 227-X
7/24/2017
BMH
C
ECO 2168706: ADD APERTURE SLOTS PICTORIALLY
9/14/2017
BMH
D
ECO 2169456: RELAX DIE PARALLELISM, WAS 0.038
10/6/2017
BMH
0.78
0.063
1.403
0.077
1.1
0.05
D
(2.183)
A 3 SURFACES INDICATED
IN VIEW B (SHEET 2)
DIE PARALLELISM TOLERANCE APPLIES TO DMD ACTIVE ARRAY ONLY.
ROTATION ANGLE OF DMD ACTIVE ARRAY IS A REFINEMENT OF THE LOCATION
TOLERANCE AND HAS A MAXIMUM ALLOWED VALUE OF 0.6 DEGREES.
BOUNDARY MIRRORS SURROUNDING THE DMD ACTIVE ARRAY.
NOTCH DIMENSIONS ARE DEFINED BY UPPERMOST LAYERS OF CERAMIC,
AS SHOWN IN SECTION A-A.
ENCAPSULANT TO BE CONTAINED WITHIN DIMENSIONS SHOWN IN VIEW D
(SHEET 3). NO ENCAPSULANT IS ALLOWED ON TOP OF THE WINDOW.
ENCAPSULANT NOT TO EXCEED THE HEIGHT OF THE WINDOW.
SEE DETAIL B FOR "V-NOTCH" DIMENSIONS.
WHILE ONLY THE THREE DATUM A TARGET AREAS A1, A2, AND A3 ARE USED
FOR MEASUREMENT, ALL 4 CORNERS SHOULD BE CONTACTED, INCLUDING E1,
TO SUPPORT MECHANICAL LOADS.
1
4
3
2
7
6
5
8
(ILLUMINATION
DIRECTION)
ACTIVE ARRAY
0.042 A
 0.02D
(SHEET 3)
(SHEET 3)
4
4
4
4
4
4
4
5
8
1
4
4
7
4
8
6
(OFF-STATE
DIRECTION)
2.5
B
(3)
25.65 - 0.1
0.3
+
16.9 - 0.1
0.3
+
(1.25)
1
R
0.1
45°
1°
45°
1°
(3)
3
0.075
2X
1.5
8.45 - 0.1
0.2
+
0.104 - 0.2
0.1
+
C
24.454
0.1
(1.3)
(R0.2)
4X
6.95 - 0.1
0.2
+
0.4
R
0.1
2X
FRONT SIDE
INDEX MARK
1.925
0.1
0.35 MIN TYP
0 MIN TYP
2X ENCAPSULANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com