Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 5Page - Texas Instruments DLP470TP Datasheet HTML 6Page - Texas Instruments DLP470TP Datasheet HTML 7Page - Texas Instruments DLP470TP Datasheet HTML 8Page - Texas Instruments DLP470TP Datasheet HTML 9Page - Texas Instruments DLP470TP Datasheet HTML 10Page - Texas Instruments DLP470TP Datasheet HTML 11Page - Texas Instruments DLP470TP Datasheet HTML 12Page - Texas Instruments DLP470TP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
DLP470TP
www.ti.com
DLPS105A – JANUARY 2018 – REVISED MAY 2018
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions(1) (continued)
PIN
I/O(2)
SIGNAL
DATA
RATE
INTERNAL
TERMINATION
DESCRIPTION
TRACE
LENGTH
(mil)
NAME
NO.
(4)
VSS must be connected for proper DMD operation.
VCC
(3)
A13, A14,
D1, E1,
F21, F22,
G3, G4,
G21, G22,
G23, H3,
H4, H21,
H22, H23,
J3, J4,
J21, J22,
J23, K3,
K4, K21,
K22, K23,
L21, L22,
M1, M2
P
Analog
Supply voltage for LVCMOS core. Supply
voltage for positive offset level of micromirror
reset signal during Power down. Supply
voltage for normal high level at micromirror
address electrodes.
VSS
(4)
A3, A6,
A9, A12,
A15, A17,
A18,A21,
A22, B15,
B24, C2,
D5, D8,
D11, D14,
D17, D20,
D23, E3,
E24, L3,
M24, N5,
N8, N11,
N14, N17,
N20, N23,
P2, R15,
R24, T3,
T6, T9,
T12, T15,
T16, T17,
T18, T21,
T22
G
Device ground. Common return for all power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com