Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP470TP Datasheet HTML 2Page - Texas Instruments DLP470TP Datasheet HTML 3Page - Texas Instruments DLP470TP Datasheet HTML 4Page - Texas Instruments DLP470TP Datasheet HTML 5Page - Texas Instruments DLP470TP Datasheet HTML 6Page - Texas Instruments DLP470TP Datasheet HTML 7Page - Texas Instruments DLP470TP Datasheet HTML 8Page - Texas Instruments DLP470TP Datasheet HTML 9Page - Texas Instruments DLP470TP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
DLP470TP
DLPS105A – JANUARY 2018 – REVISED MAY 2018
www.ti.com
Product Folder Links: DLP470TP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions(1) (continued)
PIN
I/O(2)
SIGNAL
DATA
RATE
INTERNAL
TERMINATION
DESCRIPTION
TRACE
LENGTH
(mil)
NAME
NO.
D_CN(0)
C15
I
LVDS
DDR
Differential
Data negative
9413.25
D_CN(1)
C16
9034.49
D_CN(2)
D15
9524.65
D_CN(3)
C18
9029.15
D_CN(4)
B17
9047.75
D_CN(5)
D18
9029.56
D_CN(6)
B18
9364.61
D_CN(7)
D21
9027.29
D_CN(8)
C20
9114.49
D_CN(9)
B20
9009.02
D_CN(10)
C22
9051.66
D_CN(11)
C24
8992.11
D_CN(12)
B22
9016.3
D_CN(13)
A25
9151.66
D_CN(14)
D25
9170.16
D_CN(15)
A23
9034.48
D_CP(0)
C14
I
LVDS
DDR
Differential
Data positive
9505.23
D_CP(1)
C17
9147.8
D_CP(2)
D16
9643.83
D_CP(3)
C19
9129.78
D_CP(4)
B16
9134.27
D_CP(5)
D19
9134.02
D_CP(6)
B19
9465.07
D_CP(7)
D22
9127.74
D_CP(8)
C21
9233.7
D_CP(9)
B21
9126.11
D_CP(10)
C23
9152.86
D_CP(11)
D24
9092.44
D_CP(12)
B23
9140.94
D_CP(13)
B25
9251.97
D_CP(14)
E25
9270.5
D_CP(15)
A24
9140.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com