Electronic Components Datasheet Search
  English  ▼

X  

DLP470TP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLP470TP
Description  0.47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP470TP Datasheet(HTML) 1 Page - Texas Instruments

  DLP470TP Datasheet HTML 1Page - Texas Instruments DLP470TP Datasheet HTML 2Page - Texas Instruments DLP470TP Datasheet HTML 3Page - Texas Instruments DLP470TP Datasheet HTML 4Page - Texas Instruments DLP470TP Datasheet HTML 5Page - Texas Instruments DLP470TP Datasheet HTML 6Page - Texas Instruments DLP470TP Datasheet HTML 7Page - Texas Instruments DLP470TP Datasheet HTML 8Page - Texas Instruments DLP470TP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DLPC6421
Display Controller
DLPA3005
DLP470TP
DMD
DLPC6421
Display Controller
VBIAS
VRESET
PG_OFFSET
EN_OFFSET
3.3 V to 1.8 V
Translators
DAD_CTRL
SCP_CTRL
DAD_CTRL
SCP_CTRL
C/D DMD DATA
C/D DMD DCLK
C/D DMD SCTRL
A/B DMD DATA
A/B DMD DCLK
A/B DMD SCTRL
VOFFSET
1.8 V
I2C
SPI
NC
1.8V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLP470TP
DLPS105A – JANUARY 2018 – REVISED MAY 2018
DLP470TP 0.47 4K UHD DMD
1
1 Features
1
•
0.47-Inch Diagonal Micromirror Array
–
4K UHD (3840 × 2160) Display Resolution
–
5.4-µm Micromirror Pitch
–
±17° Micromirror Tilt (Relative to Flat Surface)
–
Bottom Illumination
•
2xLVDS Input Data Bus
•
Supports 4K UHD at 60 Hz and Full HD at 240 Hz
•
LED Operation Supported by Two Dedicated
DLPC6421 Display Controllers, DLPA3005 Power
Management IC (PMIC), and LED Driver
2 Applications
•
Mobile Smart TV
•
Mobile Projector
•
Digital Signage
•
Commercial Gaming
•
Smart Home Displays
•
Mobile Home Cinema
3 Description
The DLP470TP digital micromirror device (DMD) is a
digitally controlled micro-electromechanical system
(MEMS) spatial light modulator (SLM) that enables
bright 4K UHD display systems. The DLP® 0.47” 4K
UHD chipset is composed of the DLP470TP DMD,
two DLPC6421 display controllers, and DLPA3005
PMIC and LED driver. The compact physical size of
the chipset provides a complete system solution that
enables small form factor 4K UHD displays.
The
DLP470TP
ecosystem
includes
established
resources to help the user accelerate the design
cycle,
which
include
production
ready
optical
modules, optical module manufacturers, and design
houses.
Visit the Getting Started with TI DLP Pico™ display
technology page to learn more about how to start
designing with the DLP470TP DMD.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP470TP
FQN (250)
25.65 mm × 16.9 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic (LED Configuration)


Similar Part No. - DLP470TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP470TP TI1-DLP470TP Datasheet
813Kb / 48P
DLP470TP .47 4K UHD DMD
DLP470TPAFQN TI1-DLP470TPAFQN Datasheet
813Kb / 48P
DLP470TP .47 4K UHD DMD
DLP470TPFQN TI1-DLP470TPFQN Datasheet
813Kb / 48P
DLP470TP .47 4K UHD DMD
DLP470TP TI1-DLP470TP_V01 Datasheet
813Kb / 48P
DLP470TP .47 4K UHD DMD
More results

Similar Description - DLP470TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP660TE TI1-DLP660TE Datasheet
1Mb / 44P
0.66 4K UHD DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
0.47 4K UHD DMD
DLP470TE TI1-DLP470TE_19 Datasheet
774Kb / 47P
0.47 4K UHD DMD
DLP660TE TI1-DLP660TE_19 Datasheet
1Mb / 46P
0.66 4K UHD DMD
DLP470TP TI1-DLP470TP_V01 Datasheet
813Kb / 48P
DLP470TP .47 4K UHD DMD
DLP471TE TI1-DLP471TE Datasheet
132Kb / 7P
DLP471TE .47 4K UHD DMD
DLP471TP TI1-DLP471TP Datasheet
158Kb / 7P
DLP471TP .47 4K UHD DMD
DLP471TP TI-DLP471TP_V01 Datasheet
1Mb / 48P
DLP471TP .47 4K UHD DMD
DLP650TE TI-DLP650TE Datasheet
1Mb / 43P
DLP650TE 0.65 4K UHD DMD
DLP781TE TI-DLP781TE Datasheet
1Mb / 46P
DLP781TE 0.78 4K UHD DMD
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com