Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 12Page - Monolithic Power Systems MP2624 Datasheet HTML 13Page - Monolithic Power Systems MP2624 Datasheet HTML 14Page - Monolithic Power Systems MP2624 Datasheet HTML 15Page - Monolithic Power Systems MP2624 Datasheet HTML 16Page - Monolithic Power Systems MP2624 Datasheet HTML 17Page - Monolithic Power Systems MP2624 Datasheet HTML 18Page - Monolithic Power Systems MP2624 Datasheet HTML 19Page - Monolithic Power Systems MP2624 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
16
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
VSYS regulation is shown in Figure 3.
50mV
VSYS_MIN
60mV
vBATT
vSYS
VSYS_MIN + 110mV
100mV
VSYS_MIN
60mV
vBATT
vSYS
VSYS_MIN + 160mV
Figure 3: VSYS Variation with VBATT
The MP2624 monitors continuously the voltage
at SYS. Once the system voltage is 100mV over
VBATT_FULL + ∆V, it is detected as a VSYS OVP
condition. The MP2624 will turn off the DC/DC
converter, and then the system will be powered
by the battery.
Battery Charge Profile
The MP2624 provides four main charging phases:
trickle
charge,
pre-charge,
constant-current
charge, and constant-voltage charge.
Phase 1 (Trickle Charge):
When the input power is qualified as a good
power supply, the MP2624 checks the battery
voltage to decide if trickle charge is required. If
the battery voltage is lower than VBATT_SHORT
(2.1V), a charging current of 128mA is applied on
the battery, which helps reset the protection
circuit in the battery pack.
Phase 2 (Pre-Charge):
When the battery voltage exceeds the VBATT_SHORT,
the MP2624 starts to pre-charge safely the
deeply depleted battery until the battery voltage
reaches the “pre-charge to fast-charge threshold”
(VBATT_PRE). If VBATT_PRE is not reached before the
pre-charge timer expires, the charge cycle ends,
and a corresponding timeout fault signal is
asserted. The pre-charge current can be
programmed via the I2C register REG03 Bit [7:4].
Phase 3 (Constant-Current Charge)
When the battery voltage exceeds VBATT_PRE set
via the REG04 Bit [1], the MP2624 enters a
constant-current charge (fast charge) phase. The
fast-charge current can be programmed as high
as 4.5A via the REG02 Bit [7:2].
Phase 4 (Constant-Voltage Charge)
When the battery voltage rises to the pre-
programmable charge full voltage (VBATT_FULL) set
via the REG04 Bit [7:2], the charge current
begins to taper off.
The charge cycle is considered complete when
the charge current reaches the battery full
termination threshold (IBF) set via the REG03 Bit
[3:0], assuming the termination function is
enabled by REG05[7] = 1. If IBF is not reached
before the safety charge timer expires (see
“Safety Timer” section), the charge cycle ends,
and the corresponding timeout fault signal is
asserted.
Figure 4 shows the battery charge profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com