Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2624 Datasheet HTML 1Page - Monolithic Power Systems MP2624 Datasheet HTML 2Page - Monolithic Power Systems MP2624 Datasheet HTML 3Page - Monolithic Power Systems MP2624 Datasheet HTML 4Page - Monolithic Power Systems MP2624 Datasheet HTML 5Page - Monolithic Power Systems MP2624 Datasheet HTML 6Page - Monolithic Power Systems MP2624 Datasheet HTML 7Page - Monolithic Power Systems MP2624 Datasheet HTML 8Page - Monolithic Power Systems MP2624 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
MP2624
I2C Controlled 4.5A Single Cell USB / Adaptor Charger
with Narrow VDC Power Path Management
USB OTG and Shipping Mode
MP2624 Rev.1.05
www.MonolithicPower.com
1
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2624 is a 4.5A, highly integrated,
switching-mode battery charger IC for single-
cell Li-ion or Li-polymer batteries. This device
supports NVDC architecture with power path
management suitable for different portable
applications, such as tablets, MID, and smart
phones.
Its
low
impedance
power
path
optimizes efficiency, reduces battery charging
time, and extends battery life. The I2C serial
interface with charging and system settings
allows the device to be controlled flexibly.
The MP2624 supports a wide range of input
sources, including standard USB host ports and
wall adapters. The MP2624 detects the input
source type according to the USB Battery
Charging Spec 1.2 (BC1.2) and then informs
the host to set the proper input current limit.
Also, this device is compliant with USB2.0 and
USB3.0 power specifications by adopting a
proper input current and voltage regulation
scheme. In addition, the MP2624 supports USB
On-The-Go operation by supplying 5V with
current up to 1.3A.
The power path management regulates the
system voltage slightly above the set maximum
voltage between the battery voltage and the I2C
programmable lowest voltage level (e.g. 3.6V).
With this feature, the system is able to operate
even when the battery is depleted completely or
removed. When the input source current or
voltage limit is reached, the power path
management reduces automatically the charge
current to meet the priority of the system power
requirement. If the system current continues
increasing, even when the charge current is
reduced to zero, the supplement mode allows
the battery to power both the system and the
input power supply at the same time.
The MP2624 is available in a QFN-22
3mm x 4mm package.
FEATURES
 High Efficiency 4.5A 1.5MHz Buck Charger
and 1.5MHz 1.3A Boost Mode to Support
OTG
o
94% Efficiency @ 2A
o
Fast Charge Time by Battery Path
Impedance Compensation
o
USB OTG
o
94% Efficiency @ 5V, 1.2A OTG
o
Selectable OTG Current Outputs
 3.9V to 7.0V Operating Input Voltage Range
 Highest Battery Discharge Efficiency with
10mΩ Battery Discharge MOSFET up to 9A
 Single Input USB Compliant Charge
 Narrow System Bus Voltage Power Path
Management
o
Instant On Works with No Battery or
Deeply Discharged Battery
o
Ideal Diode Operation in Battery
Supplemental Mode
 Constant-Off-Time
Control
to
Reduce
Charging Time under Lower Input Voltages
 High Accuracy of Charging Parameter
 I2C Port for Flexible System Parameter
Setting and Status Reporting
 Full DISC Control to Support Shipping Mode
 High Integration
o
Fully Integrated Power Switches and
No External Blocking Diode and Sense
Resistor Required
o
Built-In Robust Charging Protection
including Battery Temperature Monitor
and Programmable Timer
o
Built-In Battery Disconnection Function
 High Accuracy
o
±0.5% Charge Voltage Regulation
o
±5% Charge Current Regulation
o
±5% Input Current Regulation
o
±2% Output Regulation in Boost Mode
 Safety
o
Battery
Temperature
Sensing
for
Charge Mode
o
Battery Charging Safety Timer


Similar Part No. - MP2624

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
MP2624AGL MPS-MP2624AGL Datasheet
1Mb / 45P
4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
More results

Similar Description - MP2624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com