Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 25Page - Monolithic Power Systems MP2624 Datasheet HTML 26Page - Monolithic Power Systems MP2624 Datasheet HTML 27Page - Monolithic Power Systems MP2624 Datasheet HTML 28Page - Monolithic Power Systems MP2624 Datasheet HTML 29Page - Monolithic Power Systems MP2624 Datasheet HTML 30Page - Monolithic Power Systems MP2624 Datasheet HTML 31Page - Monolithic Power Systems MP2624 Datasheet HTML 32Page - Monolithic Power Systems MP2624 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
29
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Data line stable;
data valid
Change of
data allowed
SDA
SCL
Figure 16: Bit Transfer on the I
2C Bus
All the transactions begin with a START (S) and
can be terminated by a STOP (P). A high to low
transition on the SDA line while the SCL line is
high defines a START condition. A low to high
transition on the SDA line when the SCL line is
high defines a STOP condition.
START and STOP conditions are always
generated by the master. The bus is considered
busy after the START condition; it is considered
free after the STOP condition (see Figure 17).
SDA
SCL
START (S)
STOP (P)
Figure 17: START and STOP Conditions
Every byte on the SDA line must be 8 bits long.
The number of bytes to be transmitted per
transfer is unrestricted. Each byte has to be
followed by an acknowledge bit. Data is
transferred with the most significant bit (MSB)
first. If a slave cannot receive or transmit another
complete byte of data until it has performed some
other function, it can hold the SCL line low to
force the master into a wait state (clock
stretching). Data transfer then continues when
the slave is ready for another byte of data and
releases the SCL line (see Figure 18).
Figure 18: Data Transfer on the I
2C BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com