Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 42 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 42 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 37Page - Monolithic Power Systems MP2624 Datasheet HTML 38Page - Monolithic Power Systems MP2624 Datasheet HTML 39Page - Monolithic Power Systems MP2624 Datasheet HTML 40Page - Monolithic Power Systems MP2624 Datasheet HTML 41Page - Monolithic Power Systems MP2624 Datasheet HTML 42Page - Monolithic Power Systems MP2624 Datasheet HTML 43Page - Monolithic Power Systems MP2624 Datasheet HTML 44Page - Monolithic Power Systems MP2624 Datasheet HTML 45Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
42
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
When using ceramic capacitors, make sure they
have enough capacitance to provide sufficient
charge to prevent excessive voltage ripple at the
input.
Selecting the Output Capacitor
The output capacitor CSYS from the typical
application circuit is in parallel with the SYS load.
CSYS absorbs the high-frequency switching ripple
current and smoothes the output voltage. Its
impedance must be much less than the system
load to ensure it properly absorbs the ripple
current.
Use a ceramic capacitor because it has a lower
ESR and a smaller size. This allows the ESR of
the output capacitor to be ignored. Thus, the
output voltage ripple is given with Equation (7):


SYS
SYS
IN
2
SYS
SYS
S
V
1
V
V
r%
V8 C
f
L
(7)
In order to guarantee ±0.5% system voltage
accuracy, the maximum output voltage ripple
must not exceed 0.5% (e.g. 0.1%). The
maximum output voltage ripple occurs at the
minimum system voltage and the maximum input
voltage.
For VIN = 7V, VSYS_MIN = 3.6V, L = 2.2µH, fS =
1.6MHz, and
r =0.1%. The output capacitor can
be calculated as 11µF using Equation (8):
  
SYS _ MIN
IN
SYS
2
S
V
1
V
C
8f
L
r
(8)
Then, choose a 22µF ceramic capacitor.
Resistor Selection for the NTC Sensor
Figure 9 shows an internal resistor divider
reference circuit that limits both the high and low
temperature thresholds at VTH_High and VTH_Low,
respectively. For a given NTC thermistor, select
an appropriate RT1 and RT2 to set the NTC
window using Equation (9) and Equation (10):
T2
NTC_Cold
TH_Low
T1
T2
NTC_Cold
NTC
R//R
V
RR //R
V
(9)
TH_High
T2
NTC_Hot
T1
T2
NTC_Hot
V
R//R
R
R //R
VCC
(10)
RNTC_Hot is the value of the NTC resistor at a high
temperature (within the required temperature
operating range), and RNTC_Cold is the value of the
NTC resistor at a low temperature.
The two resistors (RT1 and RT2) allow the high and
low temperature limits to be programmed
independently. With this feature, the MP2624 can
fit most types of NTC resistors and different
temperature operating range requirements.
RT1 and RT2 values depend on the type of the
NTC resistor selected.
For example, for a 103AT thermistor, the
thermistor
has
the
following
electrical
characteristics:
At 0°C, RNTC_Cold = 27.28kΩ;
at 60°C, RNTC_Hot = 3.02kΩ.
The following equation calculations are derived
assuming that the NTC window is between 0°C
and 50°C. According to Equation (9) and
Equation (10), use
TH_Low
NTC
V
V
and
TH_High
NTC
V
V
from the
EC table to calculate RT1 = 2.27kΩ and RT2 =
6.86kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com