Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 24Page - Monolithic Power Systems MP2624 Datasheet HTML 25Page - Monolithic Power Systems MP2624 Datasheet HTML 26Page - Monolithic Power Systems MP2624 Datasheet HTML 27Page - Monolithic Power Systems MP2624 Datasheet HTML 28Page - Monolithic Power Systems MP2624 Datasheet HTML 29Page - Monolithic Power Systems MP2624 Datasheet HTML 30Page - Monolithic Power Systems MP2624 Datasheet HTML 31Page - Monolithic Power Systems MP2624 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
28
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The MP2624 monitors continuously the voltage
at VIN_OTG in OTG boost mode. Once the VIN
exceeds VOTG_OVP, the MP2624 stops switching,
and a corresponding fault register is set high to
indicate the fault.
In boost mode, the MP2624 employs a fixed
1.5MHz PWM step-up switching regulator. It
switches from PWM operation to pulse-skipping
operation at light load.
OTG Output CC Mode
When in the OTG mode, the load at the VIN has
current limit, which could be set via the I2C
REG02H Bit[1:0], high to 2A. MP2624 could
operates in CC mode when the current limit is
reached while the VIN voltage does not drop to
the
over
load
or
short
circuit
threshold
(<VBATT+100mV) as shown in Figure 15.
Therefore, MP2624 not only has the CC mode
during the charging process, but also has CC
mode operation in OTG mode for various
applications.
Figure 15. OTG Output U-I Curve
Impedance
Compensation
to
Accelerate
Charging
Throughout the charging cycle, the constant-
voltage charging stage occupies larger ratios. To
accelerate the charging cycle, it is better to have
the charging remain in the constant-current
charge stage as long as possible.
MP2624 allows the user to compensate the
intrinsic resistance of the battery by adjusting the
charge full voltage threshold, according to the
charge current and internal resistance. In
addition, a maximum allowed regulated voltage is
set for the sake of the safety condition. See
Equation (2):

BATT _ REG
BATT _ FULL
CHG _ ACT
BAT _ CMP
CLAMP
VV
Min I
R
, V

(2)
Where VBATT_REG is the battery regulation voltage,
VBATT_FULL is the charge full voltage set via the I
2C
REG04 Bit [7:2]; ICHG_ACT is the real-time charge
current during the operation; RBAT_CMP is the
compensated resistor to simulate the resistor of
the connection wire of the battery (it is selected
through the REG06 Bit[7:5]), and VCLAMP is the
battery compensation voltage clamp (above
VBATT_FULL); it is selected via the REG06 Bit[4:2].
Sleep Mode
When the input power source is missing and
OTG is disabled, the MP2624 will transition into
sleep mode. During sleep mode, the battery
powers the internal circuit, and the internal VREF
LDO is turned off. The system is connected to
the battery through the battery FET, and IN is
bridged off from SYS by the reverse blocking
FET. In order to extend the battery life during
shipping and storage, the MP2624 can turn off
the battery FET to minimize leakage.
Series Interface
The MP2624 family uses an I2C compatible
interface for flexible charging parameters setting
and instantaneous device status reporting. I2CTM
is a bidirectional 2-wire serial interface developed
by
Philips
Semiconductor
(now
NXP
Semiconductors). Only two bus lines are required:
a serial data line (SDA) and a serial clock line
(SCL). The device can be considered a master or
a slave when performing data transfers. A master
is the device which initiates a data transfer on the
bus and generates the clock signals to permit the
transfer. At that time, any device addressed is
considered a slave.
The device operates as a slave device with the
address 4BH, receiving control inputs from the
master device, like a micro controller or a digital
signal processor.
The I2C interface supports both standard mode
(up to 100k bits), and fast mode (up to 400k bits).
Both SDA and SCL are bi-direction lines,
connecting to the positive supply voltage via a
current source or pull-up resistor. When the bus
is free, both lines are high. SDA and SCL are
open drains.
The data on the SDA line must be stable during
the high period of the clock. The high or low state
of the data line can change only when the clock
signal on the SCL line is low. One clock pulse is
generated for each data bit transferred (see
Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com