Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 28Page - Monolithic Power Systems MP2624 Datasheet HTML 29Page - Monolithic Power Systems MP2624 Datasheet HTML 30Page - Monolithic Power Systems MP2624 Datasheet HTML 31Page - Monolithic Power Systems MP2624 Datasheet HTML 32Page - Monolithic Power Systems MP2624 Datasheet HTML 33Page - Monolithic Power Systems MP2624 Datasheet HTML 34Page - Monolithic Power Systems MP2624 Datasheet HTML 35Page - Monolithic Power Systems MP2624 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
32
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I2C REGISTER MAP
IC Address: 4BH
Input Source Control Register/ Address: 00H (Default: 0011 0000)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
EN_HIZ
(7)
0 – Disable, 1 – Enable
Read/ Write
Default: Disable (0)
Input Voltage Regulation
Bit 6
VIN_REG [3]
640mV
Read/ Write
Offset: 3.88V
Range:3.88V –
5.08V
Default: 4.36V
(0110)
Bit 5
VIN_REG [2]
320mV
Bit 4
VIN_REG [1]
160mV
Bit 3
VIN_REG [0]
80mV
Input Current Limit
Bit 2
IIN_LMT [2]
000 – 100mA
001 – 150mA
010 – 500mA
011 – 900mA
100 – 1200mA
101 – 1800mA
110 – 2000mA
111 – 3000mA
Read/ Write
Default: SDP:
100mA (000) or
500mA (010)
Default: DCP/CDP:
1.8A (101)
Bit 1
IIN_LMT [1]
Bit 0
IIN_LMT [0]
Power-On Configuration Register / Address: 01H (Default: 0001 1011)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
Register reset
0 – Keep current setting
1 - Reset
Read/ Write
Keep current
register setting (0)
Bit 6
I2C watchdog
timer reset
0 – Normal
1 – Reset
Read/ Write
Normal (0)
Charger Configuration
Bit 5
Mode [1]
00 – Charge disable
01 – Charge battery
10/11 – OTG,
Read/ Write
Charge battery (01)
Bit 4
Mode [0]
Minimum System Voltage
Bit 3
VSYS_MIN [2]
0.4V
Read/ Write
Offset: 3V
Range: 3V – 3.7V
Default: 3.6V (110)
Bit 2
VSYS_MIN [1]
0.2V
Bit 1
VSYS MIN [0]
0.1V
System Regulation Voltage Higher than Full Battery Voltage
Bit 0
VSYS_MAX [0]
0 – 50mV
1 – 100mV
Read/ Write
Default: 100mV (1)
NOTE:
7) This is used to turn off the DC/DC only. At this time, the system is powered by the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com