Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2624 Datasheet HTML 1Page - Monolithic Power Systems MP2624 Datasheet HTML 2Page - Monolithic Power Systems MP2624 Datasheet HTML 3Page - Monolithic Power Systems MP2624 Datasheet HTML 4Page - Monolithic Power Systems MP2624 Datasheet HTML 5Page - Monolithic Power Systems MP2624 Datasheet HTML 6Page - Monolithic Power Systems MP2624 Datasheet HTML 7Page - Monolithic Power Systems MP2624 Datasheet HTML 8Page - Monolithic Power Systems MP2624 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
5
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Type
Description
1
DP
I
Positive pin of the USB data line pair. DP and DM achieve USB host/charging
port detection automatically.
2
IN
Power
Power input of the IC from the adapter or USB. Place a 1μF ceramic capacitor
from IN to PGND as close as possible to the IC.
3
PMID
Power
Internal Power Pin. Connect to the drain of the reverse-blocking MOSFET and the
drain of the high-side MOSFET. Bypass with a 4.7μF capacitor from PMID to PGND
as close as possible to the IC.
4, 14
SW
Power
Switching node.
5
PGND
Power
Power ground.
6
VNTC
O
Pull-up voltage bias of the NTC comparator resistive divider for both the
feedback and the reference.
7
SCL
I/O
I
2C interface clock. Connect SCL to the logic rail through a 10kΩ resistor.
8
SDA
I/O
I
2C interface data. Connect SDA to the logic rail through a 10kΩ resistor.
9
VREF
P
PWM low-side driver output. Connect a 10μF ceramic capacitor from VREF to
AGND as close as possible to the IC.
10
ILIM
I
Programmable input current limit. A resistor is connected from ILIM to ground to
set the minimum input current limit. The actual input current limit is the lowest setting
by ILIM and I
2C.
11
AGND
I/O
Analog ground.
12
OTG
I
Boost mode enable control or input current limiting selection pin. The On-The-
Go is enabled through I
2C. During boost operation, OTG low suspends boost
operation. If the input is detected as the USB host, OTG is used as the input current
limiting selection pin. When OTG = high, IIN_LMT = 500mA. When OTG = low, IIN_LMT =
100mA.
13
BST
P
Bootstrap. Connect a 470nF bootstrap capacitor between BST and SW to form a
floating supply across the power switch driver to drive the power switch’s gate above
the supply voltage.
15
SYS
P
System output. Connect a 2x22μF ceramic capacitor from SYS to PGND as close
as possible to the IC.
16
BATT
P
Battery positive terminal. Connect a 2x22μF ceramic capacitor from BATT to
PGND as close as possible to the IC.
17
DISC
I
Battery disconnection control.
18
CE
-------
I
Active low charge enable. Battery charging is enabled when the corresponding
register is set to active, and CE
-------
is low.
19
NTC
I
Temperature sense input. Connect a negative temperature coefficient thermistor.
Program the hot and cold temperature window with a resistor divider from VNTC to
NTC to AGND. The charge is suspended when NTC is out of range.
20
STAT
--------------
O
Indicator for charging operation.
21
INT
O
Open-drain interrupt output. INT sends the charging status, and the fault
interrupts the host.
22
DM
I
Negative pin of the USB date line pair. DM and DP achieve USB host/charging
port detection automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com