Electronic Components Datasheet Search
  English  ▼

X  

MP2624 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2624
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2624 Datasheet HTML 10Page - Monolithic Power Systems MP2624 Datasheet HTML 11Page - Monolithic Power Systems MP2624 Datasheet HTML 12Page - Monolithic Power Systems MP2624 Datasheet HTML 13Page - Monolithic Power Systems MP2624 Datasheet HTML 14Page - Monolithic Power Systems MP2624 Datasheet HTML 15Page - Monolithic Power Systems MP2624 Datasheet HTML 16Page - Monolithic Power Systems MP2624 Datasheet HTML 17Page - Monolithic Power Systems MP2624 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
14
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
USB
Port
IN
DP
DM
PMID
SW
BST
SYS
ILIM
SDA
CE
OTG
PGND
AGNG
STAT
VSYS
PWM
Driver
Linear
Charge&
Ideal
Diode
Control
LD
O
VREF
BATT
Li-ion
Battery
Pack
VNTC
I2C + Logic
Control +
Non-
Volatile
Memory
Power
Control
SCL
NTC
INT
Syste
m
Output
DISC
NTC
Protectio
n
25mΩ
25mΩ
28mΩ
10mΩ
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com